Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOS4301-2RLD Datasheet(PDF) 6 Page - Power-One

Part # LOS4301-2RLD
Description  DIN-Rail Mountable AC-DC (DC-DC) Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LOS4301-2RLD Datasheet(HTML) 6 Page - Power-One

Back Button LOS4301-2RLD Datasheet HTML 2Page - Power-One LOS4301-2RLD Datasheet HTML 3Page - Power-One LOS4301-2RLD Datasheet HTML 4Page - Power-One LOS4301-2RLD Datasheet HTML 5Page - Power-One LOS4301-2RLD Datasheet HTML 6Page - Power-One LOS4301-2RLD Datasheet HTML 7Page - Power-One LOS4301-2RLD Datasheet HTML 8Page - Power-One LOS4301-2RLD Datasheet HTML 9Page - Power-One LOS4301-2RLD Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SEP 09, 2005 revised to JUL 17, 2006
Page 6 of 12
www.power-one.com
LOS, LOR, LOK4000 Series Data Sheet
DIN-Rail Mountable AC-DC (DC-DC) Converters
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
Cell voltage [V]
–20
–10
0
10
20
30
40
50 °C
06123a
VC = 2.27 V, –3 mV/K
VC = 2.27 V, –3.5 mV/K
VC = 2.23 V, –3 mV/K
VC = 2.23 V, –3.5 mV/K
Vo nom
Vo max
Table 4: Output Voltage OK signal
Conditions
LOK4001-2RLD
LOK4140-2RLD
LOK4240-2RLD
LOK4740-2RLD
Unit
min
max
min
max
min
max
min
max
Vo t
setting
4.4
4.8
10.5
11.5
21
23
42
46
V
VD
Vo - Vo t min
60
60
60
60
Vo > Vo t max
0.6
0.6
0.6
0.6
I D < 50 mA
Auxiliary Functions
Adjustable Output Voltage (R input)
As a standard feature, the LOK units offer adjustable output
voltage by using the control input R. If the R pin is left open-
circuit, the output voltage is set to Vo nom. (see: Output data)
The R input is referenced to the secondary side of the
converter. Adjustment of the output voltage is possible by
means of either an external resistor or a voltage source.
a) Adjustment by means of an external resistor Rext1:
Depending upon the value of the required output voltage, the
resistor shall be connected
either: Between the R terminal and Vo– to achieve an output
voltage adjustment range of approximately
Vo = 90 - 100 % Vo nom.(LOK4301, 4601 and 4801 types)
Vo
Rext1
≈ 4 kΩ • –––––––––
Vo nom – Vo
or: Between the R terminal and Vo+ to achieve an output
voltage range of approximately Vo = 100 - 110% Vo nom for
rectifier versions and 100 - 125% Vo nom for battery chargers.
(Vo – 2.5 V)
Rext2
≈ 4 kΩ • –––––––––––––––––––
2.5 V • (Vo/Vo nom – 1)
R
Vo+
Vo-
+
V
ext
-
4 k
Vref = 2.5 V
control
circuit
L
N
R
ext1
R
ext 2
06029
b) Adjustment by means of an external voltage Vext between
Vo– and R terminal to achieve an output voltage adjustment
range of approx. 90 - 110% Vo nom (LOK 4301, 4601 and
4801 types), 93 - 117% Vo nom for battery chargers.
Vo • 2.5 V
Vext
≈ –––––––––
Vo nom
Attempting to adjust the output below this range will cause
the converter to shut down (hiccup mode).
Note: Applying an external control voltage >3 V may damage the
converter.
Fig. 6
Voltage setting by a temperature sensor, wiring diagram
+
Battery
Vo+
R
Vo–
Temperature
sensor
Sensor
cable
Sensor
wires
+
green
brown
white
Fuse
Fig. 7
Float charge voltage for defined temperature coefficients.
Output Voltage OK (D Output)
The D-output is referenced to Vo– and monitors the output
voltage Vo. If Vo drops below Vo t, the D-output will be disabled
(open-collector circuit). The circuitry works independently of the
input voltage and can therefore be used as battery-low indicator.
Battery Charging/Temperature Sensor
The LOK 4140/4240/4740 are designed to charge lead-acid
batteries. For optimum battery charging and extended life time
of the battery an external temperature sensor may be
connected to the R-input. The sensor should be mounted as
close as possible to one of the poles of the battery.
Depending upon the cell voltage and the temperature coefficient
of the battery, different temperature sensors are available. For
more information please see: Temperature Sensors (Accessory
Products on the Web Site) or contact Power-One.
If no sensor is used, the float charge voltage should be
adjusted with a suitable resistor connected to the R input (see:
Adjustable Output Voltage).
Fig. 5
Output voltage control by means of the R-input


Similar Part No. - LOS4301-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOS4301-2 POWER-ONE-LOS4301-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
More results

Similar Description - LOS4301-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOK4240-2RLDG POWER-ONE-LOK4240-2RLDG Datasheet
359Kb / 10P
   LOS, LOR, LOK4000 Series Data Sheet DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
logo
Chinfa Electronics Ind....
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
logo
Powerbox
PBDR10 POWERBOX-PBDR10 Datasheet
226Kb / 1P
   10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
   60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com