Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOR4001-2RLD Datasheet(PDF) 2 Page - Power-One

Part # LOR4001-2RLD
Description  DIN-Rail Mountable AC-DC (DC-DC) Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LOR4001-2RLD Datasheet(HTML) 2 Page - Power-One

  LOR4001-2RLD Datasheet HTML 1Page - Power-One LOR4001-2RLD Datasheet HTML 2Page - Power-One LOR4001-2RLD Datasheet HTML 3Page - Power-One LOR4001-2RLD Datasheet HTML 4Page - Power-One LOR4001-2RLD Datasheet HTML 5Page - Power-One LOR4001-2RLD Datasheet HTML 6Page - Power-One LOR4001-2RLD Datasheet HTML 7Page - Power-One LOR4001-2RLD Datasheet HTML 8Page - Power-One LOR4001-2RLD Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SEP 09, 2005 revised to JUL 17, 2006
Page 2 of 12
www.power-one.com
LOS, LOR, LOK4000 Series Data Sheet
DIN-Rail Mountable AC-DC (DC-DC) Converters
Part Number Description and Product Marking
Series
15 W .................................................... LOS 4
LOK4 3 0 1 -2 R L D F K
30 W .................................................... LOR 4
50 W .................................................... LOK 4
Output
5.1 V rectifier version ............................... 001
12 V rectifier version ................................ 301
24 V rectifier version ................................ 601
48 V rectifier version ................................ 801
12 - 15 V battery charger ......................... 140
24 - 30 V battery charger ......................... 240
48 - 60 V battery charger ......................... 740
other voltages or specs. ..................... 02 - 99
Ambient temperature range T
A:
–10 to 50°C ................................................ -2 3
Features and options:
Output voltage control input ........................ R 2
Rectangular output characteristic ................ L 1
Output voltage OK signal ............................ D 1
Built-in second fuse (option) ........................ F 2
K system connector (option) ........................ K
1 Battery chargers and LOK4001-2RLD
2 LOK models only
3 Up to 70 °C with derating
Examples:
LOK4140-2RLD: AC-DC converter, battery charger version, providing 12 - 15 V/3.6 A at the output
LOK4601-2R: AC-DC converter, rectifier version, providing 24 V/2 A, 48 W at the output
Model Selection
Table 1: Type survey
Output
Operating
Rated power 1
Efficiency5
Model
Options 4
Vo nom
Io nom
input voltage1
TA = 50 °C
[VDC]
[A]
Po tot [W]
ηtyp [%]
5.1
5.2
26
70
LOK4001-2RLD
12
1.25
15
74
LOS4301-2
12
2.5
30
80
LOR4301-2
12
4
85 - 264 VAC
48
82
LOK4301-2R
12 - 12.8 3 - 15
3.6
47 - 63 Hz
49
82
LOK4140-2RLD
F 2, K
24
0.65
90 - 250 VDC
15
76
LOS4601-2
24
1.25
30
82
LOR4601-2
24
2
48
82
LOK4601-2R
24 - 25.7 3 - 30
1.8
49
82
LOK4240-2RLD
48
1
48
82
LOK4801-2R
48 - 51.4 3 - 60
0.9
49
81
LOK4740-2RLD
1 Linear derating to 85% of Po nom below Vi = 105 VAC, 110 VDC
2 LOK types only
3 Setting voltage Vo set for battery chargers with R-input left open-circuit.
4 For minimum order quantities and lead times contact Power-One.
5 Efficiency at Vi rated and Io nom


Similar Part No. - LOR4001-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOR4301-2 POWER-ONE-LOR4301-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
LOR4601-2 POWER-ONE-LOR4601-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
More results

Similar Description - LOR4001-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOK4240-2RLDG POWER-ONE-LOK4240-2RLDG Datasheet
359Kb / 10P
   LOS, LOR, LOK4000 Series Data Sheet DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
logo
Chinfa Electronics Ind....
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
logo
Powerbox
PBDR10 POWERBOX-PBDR10 Datasheet
226Kb / 1P
   10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
   60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com