Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94302-11 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 94302-11
Description  50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

94302-11 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  94302-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 94302-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 94302-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 94302-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 94302-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 94302-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advance Information
PE94302
Page 2 of 6
©2005-2007 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70/0186-02
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rate specified in Table 3.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the package
must be grounded for proper device operation.
Table 4. DC Electrical Specifications
Figure 3. Pin Configuration (Top View)
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
P
IN
Input power (50
Ω)
24
dBm
VESD
ESD voltage (Human Body
Model)
500
V
Vss
Negative Power supply
voltage (-VDD)
-4.0
0.3
V
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
100
µA
Digital Input High
0.7xVDD
V
Digital Input Low
0.3xVDD
V
Digital Input Leakage
1
µA
TOP Operating temperature
range
-40
85
°C
Vss Power Supply Voltage
-3.3
-3.0
-2.7
V
Iss Power Supply Current
-100
µA
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Switching Frequency
The PE94302 has a maximum 25 kHz switching rate.
Pin No.
Pin Name
1
C16
2
GND
3
RF1
4
GND
5
Data
6
GND
7
CLK
8
LE
9
VDD
10
GND
11
RS1
12
GND
13
RS2
14
VSS
15
Reset
16
GND
17
P/S
18
GND
19
RF2
20
GND
21
C8
22
C4
23
C2
24
GND
25
GND
26
GND
27
C1
28
C0.5
Paddle
GND
Description
Attenuation control bit, 16dB
Ground connection
RF port (Note 1).
Ground connection
Serial interface data input
Ground connection
Serial interface clock input.
Latch Enable input (Note 2).
Power supply pin.
Ground connection
Reset Selection (note 3)
Ground connection
Reset Selection (Note 3)
Negative supply voltage
Reset (Note 4)
Ground connection
Parallel/Serial mode select.
Ground connection
RF port (Note 1).
Ground connection
Attenuation control bit, 8 dB.
Attenuation control bit, 4 dB.
Attenuation control bit, 2 dB.
Ground connection
Ground connection
Ground connection
Attenuation control bit, 1 dB.
Attenuation control bit, 0.5 dB.
Ground connection
PE94302
5
3
17
19
1
2
4
18
6
7
20
21
16
15
C16
GND
RF1
GND
GND
GND
GND
GND
Data
CLK
Reset
P/S
RF2
C8
Note 1: Both RF ports must be held at 0 VDC or DC blocked with an
external series capacitor.
2: Latch Enable (LE) has an internal 100 k
Ωresistor to V
DD.
3: Must be tied to Vdd or GND under normal operation.
4: Must be tied to GND under normal operation
Absolute Maximum Ratings are those values listed in
the above table. Exceeding these values may cause
permanent device damage. Functional operation
should be restricted to the limits in the DC Electrical
Specifications table. Exposure to absolute maximum
ratings for extended periods may affect device
reliability.


Similar Part No. - 94302-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
94302-11 PEREGRINE-94302-11 Datasheet
170Kb / 5P
   50 廓 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
More results

Similar Description - 94302-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302 Datasheet
170Kb / 5P
   50 廓 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
   RF Digital Step Attenuator For Rad-Hard Space Applications
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com