Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-FB102 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SSC-FB102
Description  CHIP LED DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-FB102 Datasheet(HTML) 7 Page - Seoul Semiconductor

  SSC-FB102 Datasheet HTML 1Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 2Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 3Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 4Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 5Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 6Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 7/7 -
SSC-FB102
SSC-QP-0401-06(REV.0)
9. Precaution for use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desiccator)
with a desiccant. Otherwise, to store them in the following environment is recommended.
Temperature : 5℃~30℃
Humidity : 60%HR max.
(2) Attention after opened
However LED is corresponded SMD, when LED be soldered dip, interfacial separation may affect the
light transmission efficiency, causing the light intensity to drop. Attention in followed.
a. After opened and mounted, the soldering shall be quickly.
b. Keeping of a fraction
Temperature : 5 ~ 40℃
Humidity : less than 30%
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant
components shall be dried 10-12hr. at 60±5℃.
(4) In case of supposed the components is humid, shall be dried dip-solder just before.
100hr at 80±5℃ or 12hr at 100±5℃.
(5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to
normal temperature after soldering.
(6) Quick cooling shall not be avoid.
(7) Components shall not be mounted on warped direction of PCB.
(8) Anti radioactive ray design is not considered for the products listed here in.
(9) Gallium arsenide is used in some of the products listed in this publication. These products are
dangerous if they are burned or smashed in the process of disposal. It is also dangerous to drink the
liquid or inhale the gas generated by such products when chemically disposed.
(10) This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When
washing is required, IPA should be used.
(11) When the LEDs are illuminating, operating current should be decided after considering the ambient
maximum temperature.
(12) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more
after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage.
(13) The LEDs must be soldered within seven days after opening the moisture-proof packing.
(14) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry
place.
(15) The appearance and specifications of the product may be modified for improvement without notice.


Similar Part No. - SSC-FB102

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-FAT801 SEOUL-SSC-FAT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-FCW100 SEOUL-SSC-FCW100 Datasheet
549Kb / 8P
   TOP LED DEVICE
SSC-FCW211Z SEOUL-SSC-FCW211Z Datasheet
510Kb / 7P
   FLASH LED DEVICE
SSC-FCW302 SEOUL-SSC-FCW302 Datasheet
572Kb / 9P
   Applications : Mobile Handset Flash Light
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results

Similar Description - SSC-FB102

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com