Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE83513 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE83513
Description  DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83513 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  PE83513_06 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE83513_06 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE83513_06 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE83513_06 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE83513_06 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE83513_06 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE83513_06 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Product Specification
PE83513
Page 6 of 7
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0118-03
│ UltraCMOS™ RFIC Solutions
Table 4. Ordering Information
Figure 10. Tape and Reel Specifications
Pin1
8-lead MSOP
Order Code
Part Marking
Description
Package
Shipping Method
83513-01
PE83513
PE83513-08MSOP-50A
8-lead MSOP
50 units / Tube
83513-02
PE83513
PE83513-08MSOP-2000C
8-lead MSOP
2000 units / T&R
83513-00
PE83513-EK
PE83513-08MSOP-EK
Evaluation Kit
1 / Box


Similar Part No. - PE83513_06

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83513-EK PEREGRINE-PE83513-EK Datasheet
278Kb / 6P
   DC - 1500 MHz Low Power CMOS Divide-by-8 Prescaler
More results

Similar Description - PE83513_06

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83511 PEREGRINE-PE83511_06 Datasheet
262Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502_06 Datasheet
245Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com