Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA6321 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA6321
Description  Sound fader control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6321 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA6321 Datasheet HTML 6Page - NXP Semiconductors TEA6321 Datasheet HTML 7Page - NXP Semiconductors TEA6321 Datasheet HTML 8Page - NXP Semiconductors TEA6321 Datasheet HTML 9Page - NXP Semiconductors TEA6321 Datasheet HTML 10Page - NXP Semiconductors TEA6321 Datasheet HTML 11Page - NXP Semiconductors TEA6321 Datasheet HTML 12Page - NXP Semiconductors TEA6321 Datasheet HTML 13Page - NXP Semiconductors TEA6321 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1995 Dec 19
10
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6321
Notes to the characteristics
1. The indicated values for output power assume a 6 W power amplifier at 4
Ω with 20 dB gain and a fixed attenuator
of 12 dB in front of it. Signal-to-noise ratios exclude noise contribution of the power amplifier.
2. The transmission contains: total initialization with MAD and subaddress for volume and 8 data words, see also
definition of characteristics, clock frequency = 50 kHz, repetition burst rate = 400 Hz, maximum bus signal
amplitude = 5 V (p-p).
3. The AC characteristics are in accordance with the I2C-bus specification. This specification,
“The I2C-bus and how to
use it”, can be ordered using the code 9398 393 40011.
Mute function (see Fig.10)
HARDWARE MUTE
Vsw
mute switch level (2
× VBE)
1.45
V
mute active
VswLOW
input level
−−
1.0
V
Ii
input current
VswLOW =1V
−300
−−µA
mute passive: level internally defined
VswHIGH
saturation voltage
−−
VCC
V
td(mute)
delay until mute passive
−−
0.5
ms
ZERO CROSSING MUTE
Id
discharge current
0.3
0.6
1.2
µA
Ich
charge current
−300
−150
−µA
VswDEL
delay switch level (3
× VBE)
2.2
V
td
delay time
Cm =10nF
100
ms
Vwind
window for audio signal zero
crossing detection
30
40
mV
Muting at power supply drop
VCCdrop
supply drop for mute active
V19
0.7
V
Power-on reset (when reset is active the GMU-bit (general mute) is set and the I2C-bus receiver is in reset
position)
VCC
increasing supply voltage start of
reset
−−
2.5
V
end of reset
5.2
6.5
7.2
V
decreasing supply voltage start of
reset
4.2
5.5
6.2
V
Digital part (I2C-bus pins); note 3
ViH
HIGH level input voltage
3
9.5
V
ViL
LOW level input voltage
−0.3
+1.5
V
IiH
HIGH level input current
−10
+10
µA
IiL
LOW level input current
−10
+10
µA
VoL
LOW level output voltage
IL =3mA
−−
0.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TEA6321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6323 PHILIPS-TEA6323 Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
More results

Similar Description - TEA6321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com