Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6218P352HR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6218P352HR
Description  Low Power Supply LDO Regulators Ultra Small Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6218P352HR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6218P352HR Datasheet HTML 1Page - Torex Semiconductor XC6218P352HR Datasheet HTML 2Page - Torex Semiconductor XC6218P352HR Datasheet HTML 3Page - Torex Semiconductor XC6218P352HR Datasheet HTML 4Page - Torex Semiconductor XC6218P352HR Datasheet HTML 5Page - Torex Semiconductor XC6218P352HR Datasheet HTML 6Page - Torex Semiconductor XC6218P352HR Datasheet HTML 7Page - Torex Semiconductor XC6218P352HR Datasheet HTML 8Page - Torex Semiconductor XC6218P352HR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
ETR0329-003
■FEATURES
Maximum Output Current : 200mA (300mA Limit: TYP.)
(@VOUT=3.0V, VIN=4.0V)
Dropout Voltage
: 200mV@IOUT=100mA
(@VOUT=3.0V)
Operating Voltage Range
: 1.5V ~ 6.0V
Output Voltage
: 0.9 ~ 4.0V (100mV increments)
High Accuracy
: Setting Voltage Accuracy
±2%
(1.5
<VOUT(T)≦4.0V)
Setting Voltage Accuracy
±30mV
(0.9
≦VOUT(T)≦1.5V)
Low Power Supply
: 1.0
μA (TYP.)
Operating Ambient
Temperature
: - 40
℃∼85℃
External Capacitor
: 0.1
μF~1.0μF
Packages
: USP-3, SSOT-24
■GENERAL DESCRIPTION
XC6218 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes.
The
series achieves very low supply current, 1.0
μA (TYP.) and consists of a reference voltage source, an error amplifier,
current limit circuit, and a phase compensation circuit plus a driver transistor.
Ultra small USP-3 and SSOT-24 packages make high density mounting possible.
Therefore, the series is ideal for
applications where high density mounting is required such as in mobile phones.
Output voltage is selectable in 100mV increments within a range of
0.9V
∼4.0V by laser trimming. The series is also
compatible with low ESR ceramic capacitors (CL), which give added output stability.
The current limiter’s fold-back circuit also operates as a short protect for the output current limiter and the output pin.
■APPLICATIONS
●Portable audios
●Cordless phones,
Wireless communication equipment
●Portable games
●Digital still camera, Digital video recorders
●Mobile phones
●Portable multimedia players
●PDAs
■ TYPICAL APPLICATION CIRCUIT
■ TYPICAL PERFORMANCE
CHARACTERISTICS
●Supply Current vs. Input Voltage
XC6 2 18 P 2 0 2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
234
56
 Input Voltage: VIN(V)
Ta=-40℃
Ta=25℃
Ta=85℃
USP-3
(BOTTOM VIEW)
Input Voltage: VIN (V)


Similar Part No. - XC6218P352HR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P332HR TOREX-XC6218P332HR Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
XC6218P332NR TOREX-XC6218P332NR Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
More results

Similar Description - XC6218P352HR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
XC6218 TOREX-XC6218_1 Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Texas Instruments
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com