Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42742-00 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 42742-00
Description  75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

42742-00 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  42742-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 42742-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 42742-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 42742-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 42742-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 42742-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 42742-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 42742-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 42742-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Product Specification
PE42742
Page 4 of 10
©2006-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0203-07 │ UltraCMOS™ RFIC Solutions
Figure 4. Typical Application (1 of 4)
Table 6. Truth Table
VDD
C1 (pin 17) C2 (pin 16) RFC – RF1 RFC – RF2
OFF
Low
Low
ON
OFF
ON
Low
Low
ON
OFF
ON
Low
High
OFF
ON
ON
High
Low
OFF
ON
ON
High
High
ON
OFF
Note: A versatile logic table has been established to allow either C1 or C2 act
as a single pin control and in either polarity.
Typical Applications
The PE42742 provides the high isolation required
by FCC part 15.115 regulation between the
television antenna and the cable plant. The
advantage of the PE42742 is that device
isolation / thru performance is maintained when
power is removed. This unique feature makes the
PE42742 ideal for set-top box and VCR
applications. The PE42742 supports signal flow
from RFC to RF1 and RF2 termination in the
unpowered state; similar to the powered state with
C1=C2 (both high or low).
DTV-Tuner
PE42742
SPDT
DTV Tuner
Antenna Input
CATV Input
80dB 54 – 216MHz
60dB 216 – 550MHz
55dB 550 – 806MHz
Power
Splitter
Power
Splitter
PE42742
SPDT
Dual Tuner DTV / DVR / Set-top Box
Television
RF
Splitter
Antenna/Cable
Input
PVR/VCR/Game Box
PE42742
SPDT
Tuner/
Modulator
OFF – Pass Through
Tuner
CATV Input
OFF – Terminated
TV Set / Cable Set-top Box
75Ω
PE42742 SPDT
Figure 5. Typical Application (2 of 4)
Figure 7. Typical Application (4 of 4)
Figure 6. Typical Application (3 of 4)
DTV-Tuner
PE42742
SPDT
Antenna Input
CATV Input
80dB 54 – 216MHz
60dB 216 – 550MHz
55dB 550 – 806MHz


Similar Part No. - 42742-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
42742-1 MACOM-42742-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42742-2 MACOM-42742-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 42742-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42750MLAA-Z PSEMI-PE42750MLAA-Z Datasheet
518Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
logo
Peregrine Semiconductor...
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
PE42750 PEREGRINE-PE42750 Datasheet
450Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com