Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL613-05-XXXSI Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PL613-05-XXXSI
Description  1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL613-05-XXXSI Datasheet(HTML) 4 Page - PhaseLink Corporation

  PL613-05-XXXSI Datasheet HTML 1Page - PhaseLink Corporation PL613-05-XXXSI Datasheet HTML 2Page - PhaseLink Corporation PL613-05-XXXSI Datasheet HTML 3Page - PhaseLink Corporation PL613-05-XXXSI Datasheet HTML 4Page - PhaseLink Corporation PL613-05-XXXSI Datasheet HTML 5Page - PhaseLink Corporation PL613-05-XXXSI Datasheet HTML 6Page - PhaseLink Corporation PL613-05-XXXSI Datasheet HTML 7Page - PhaseLink Corporation PL613-05-XXXSI Datasheet HTML 8Page - PhaseLink Corporation PL613-05-XXXSI Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoTreo
TM, 3-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 7/2/07 Page 4
On-The-Fly Configuration Switching (CSEL)
The PL613-05 can be programmed to allow switching
between 2 different configurations, allowing for
changes in the output frequency and other feature
changes. Many applications (i.e. video/audio) can use
the same design footprint, but allow for configuration
switching, adhering to various standards. CSEL is
used to make the switching selection. This pin
incorporates a 60kΩ pull up resistor for normal
operating condition. The logic for configuration
switching of the programmed parts is shown below:
CSEL
Programmed
Configuration
0
0
1
1(Default)
Note: Typical enable time is 100µs
.
LAYOUT RECOMMENDATIONS
The following guidelines are to assist you with a performance optimized PCB design:
Signal Integrity and Termination
Considerations
- Keep traces short!
- Trace = Inductor. With a capacitive load this
equals ringing!
- Long trace = Transmission Line. Without proper
termination this will cause reflections ( looks like
ringing ).
- Design long traces as “striplines” or “microstrips”
with defined impedance.
- Match trace at one side to avoid reflections
bouncing back and forth.
Decoupling and Power Supply
Considerations
- Place decoupling capacitors as close as possible to
the VDD pin(s) to limit noise from the power supply
- Multiple VDD pins should be decoupled separately
for best performance.
- Addition of a ferrite bead in series with VDD can
help prevent noise from other board sources
- Value of decoupling capacitor is frequency
dependant. Typical values to use are 0.1
F for
designs using crystals < 50MHz and 0.01
F for
designs using crystals > 50MHz.


Similar Part No. - PL613-05-XXXSI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOC MICROCHIP-PL613-01-XXXOC Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOC-TR MICROCHIP-PL613-01-XXXOC-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOI-TR MICROCHIP-PL613-01-XXXOI-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXQC-TR MICROCHIP-PL613-01-XXXQC-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
More results

Similar Description - PL613-05-XXXSI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL612-05 PLL-PL612-05 Datasheet
429Kb / 9P
   1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
Aeroflex Circuit Techno...
UT7R995 AEROFLEX-UT7R995 Datasheet
173Kb / 22P
   RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
   3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
   3-PLL Multi-Output Clock Generator
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
   3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com