Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6218P242HR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6218P242HR
Description  Low Power Supply LDO Regulators Ultra Small Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6218P242HR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6218P242HR Datasheet HTML 1Page - Torex Semiconductor XC6218P242HR Datasheet HTML 2Page - Torex Semiconductor XC6218P242HR Datasheet HTML 3Page - Torex Semiconductor XC6218P242HR Datasheet HTML 4Page - Torex Semiconductor XC6218P242HR Datasheet HTML 5Page - Torex Semiconductor XC6218P242HR Datasheet HTML 6Page - Torex Semiconductor XC6218P242HR Datasheet HTML 7Page - Torex Semiconductor XC6218P242HR Datasheet HTML 8Page - Torex Semiconductor XC6218P242HR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4/22
XC6218 Series
Notes:
*1 : VOUT(T) : Setting output voltage value
*2 : VOUT(E) : Effective output voltage value
(i.e. the output voltage when “(VOUT(T) + 1.0V)” is provided at the VIN pin while maintaining a certain IOUT value.
*3 : Vdif = {VIN1
(*4) – VOUT1(*5)}
*4 : VIN1 : The input voltage when VOUT1 appears as input voltage is gradually decreased.
*5 : VOUT1 : A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT(VOUT(T)+1.0V) is input.
*6 : Refer to the VOLTAGE CHART.
*7: VOUT(T)
≧1.5V → Accuracy ±2.0%
VOUT(T)
<1.5V → MIN : VOUT(T) - 30mV, MAX : VOUT(T) + 30mV.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT(E)
(*2)
VIN=VOUT(T)
(*1)+1.0V
IOUT=1mA
E-0
(*6)
V
0.9V
≦VOUT(T)<1.3V
VIN=VOUT(T)+1.5V
1mA
≦IOUT≦100mA
Load Regulation
△Vload
VOUT(T)
≧1.3V
VIN=VOUT(T)+1.0V
1mA
≦IOUT≦100mA
-
15
70
mV
Dropout Voltage1
Vdif1
(*3)
IOUT=30mA
E-1
(*6)
mV
Dropout Voltage2
Vdif2
(*3)
IOUT=100mA
E-1
(*6)
mV
Supply Current
ISS
VIN=VOUT(T)+1.0V
-
1.0
5.0
μA
VOUT(T)=0.9V
1.5V
≦VIN≦6.0V
IOUT=1mA
Line Regulation
△Vline
VOUT(T)
≧1.0V
VOUT(T)+0.5V
≦VIN≦6.0V
IOUT=1mA
-
0.05
0.15
%/V
Input Voltage
VIN
1.5
-
6.0
V
-
Output Voltage
Temperature
Characteristics
VOUT
VIN・VOUT
VIN=VOUT(T)+1.0V
IOUT=1mA
- 40
℃≦Topr≦85℃
-
±100
-
ppm/
VOUT=VOUT(E)
×0.95
0.9
≦VOUT (T)<1.6V
VIN=2.6V
200
300
-
Current Limit
Ilim
VOUT=VOUT(E)
×0.95
VOUT(T)
≧1.6V
VIN=VOUT(T)+1.0V
250
300
-
mA
Short Circuit Current
Ishort
VIN=VOUT(T)+1.0V
VOUT=0V
-
50
-
mA
■ELECTRICAL CHARACTERISTICS
Ta=25


Similar Part No. - XC6218P242HR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
More results

Similar Description - XC6218P242HR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
XC6218 TOREX-XC6218_1 Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Texas Instruments
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com