Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24751A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24751A
Description  Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24751A Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ24751A Datasheet HTML 20Page - Texas Instruments BQ24751A Datasheet HTML 21Page - Texas Instruments BQ24751A Datasheet HTML 22Page - Texas Instruments BQ24751A Datasheet HTML 23Page - Texas Instruments BQ24751A Datasheet HTML 24Page - Texas Instruments BQ24751A Datasheet HTML 25Page - Texas Instruments BQ24751A Datasheet HTML 26Page - Texas Instruments BQ24751A Datasheet HTML 27Page - Texas Instruments BQ24751A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
www.ti.com
Battery Shorted (Battery Undervoltage) Protection
Charge Overcurrent Protection
Thermal Shutdown Protection
Adapter Detected Status Register (ACGOOD Pin)
Input Over-Power Protection (ACOP)
bq24751A
SLUS756 – SEPTEMBER 2007
The bq24751A has a BAT SHORT comparator monitoring the output battery voltage (BAT). If the voltage falls
below 2.9 V per cell (5.8 V for 2 cells, 8.7 V for 3 cells, 11.6 V for 4 cells), a battery-short status is detected.
Below the BAT_SHORT threshold, the charger reduces the charge current to 1/8th of the programmed charging
current (0.1
×SRSET/VDAC)/8 = C/8 down to zero volts on BAT pin.. This lower current is used as a pre-charge
current for over-discharged battery packs. Above the BAT_SHORT threshold (plus hysteresis, the charge current
resumes at the programmed value (0.1
×SRSET/VDAC).
The BAT_SHORT comparator also serves as a depleted-battery alarm during a LEARN cycle. If the selector is in
a LEARN cycle, and the battery voltage falls bellow the BAT_SHORT threshold, the selector disconnects the
battery from the system and connects the adapter to the system in order to protect the battery pack. If battery
voltage increases, and LEARN is still logic high, then the selector disconnects the adapter from the system and
reconnects the battery to the system.
The charger has a secondary overcurrent protection feature. It monitors the charge current, and prevents the
current from exceeding 145% of regulated charge current. The high-side gate drive turns off when the
overcurrent is detected, and automatically resumes when the current falls below the overcurrent threshold.
The QFN package has low thermal impedance, which provides good thermal conduction from the silicon to the
ambient, to keep junction temperatures low. As an added level of protection, the charger converter turns off and
self-protects when the junction temperature exceeds the TSHUT threshold of 155
°C. The charger stays off until
the junction temperature falls below 135
°C.
One status output is available, and it requires an external pullup resistor to pull the pin to the system digital rail
for a high level.
ACGOOD goes low when ACDET is above 2.4 V and the 500-ms delay time is over. It indicates that the adapter
voltage is high enough for normal operation.
The ACOC/ACOP circuit provides a reliable layer of safety protection that can complement other safety
measues. ACOC/ACOP helps to protect from input current surge due to various conditions including:
• Adapter insertion and system selector connecting adapter to system where system capacitors need to charge
• Learn mode exit when adapter is reconnected to the system; system load over-current surge
• System shorted to ground
• Battery shorted to ground
• Phase shorted to ground
• High-side FET shorted from drain to source (SYSTEM shorted to PH)
• BATFET shorted from drain to source (SYSTEM shorted to BAT)
Several examples of the circuit protecting from these fault conditions are shown below.
For designs using the selector functions, an input overcurrent (ACOC) and input over-power protection function
(ACOP) is provided. The threshold is set by an external capacitor from the ACOP pin to AGND. After the adapter
is detected (ACDET pin > 2.4V), there is a 700-ms delay before ACGOOD is asserted low, and Q3 (BATFET) is
turned-off. Then Q1/Q2 (ACFET) are turned on by the ACDRV pin. When Q1/Q2 (ACFET) are turned on, the
ACFET allows operation in linear-regulation mode to limit the maximum input current, ACOC, to a safe level. The
ACOC current limit is 1.5 times the programmed DPM input current limit set by the ratio of SRSET/VDAC. The
maximum allowable current limit is 100 mV across ACP – ACN (10 A for a 10-m
Ω sense resistor).
The first 2 ms after the ACDRV signal begins to turn on, ACOC may limit the current; but the controller is not
allowed to latch off in order to allow a reasonable time for the sytem voltage to rise.
24
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :bq24751A


Similar Part No. - BQ24751A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751BRHDR TI1-BQ24751BRHDR Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751BRHDRG4 TI1-BQ24751BRHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751BRHDT TI1-BQ24751BRHDT Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results

Similar Description - BQ24751A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com