Part Name
         Description
BQ24751A

 Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq ( 36 Page)


TI
100% 
Zoom Out Zoom In
 6 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
PACKAGE THERMAL DATA
ELECTRICAL CHARACTERISTICS
SLUS756 – SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PH
–1
24
V
PVCC, ACP, ACN, SRP, SRN, BAT, BATDRV, ACDRV
0
24
V
REGN, LODRV
0
6.5
V
VDAC, IADAPT
0
3.6
VREF
3.3
Voltage range
ACSET, SRSET, TS, ACDET, ACOP, CHGEN, CELLS, ACGOOD, LEARN,
0
5.5
V
OVPSET
VADJ
0
6.5
BTST, HIDRV with respect to AGND and PGND
0
30
V
AGND, PGND
–0.3
0.3
V
Maximum difference voltage: ACP–ACN, SRP–SRN
–0.3
0.3
V
Junction temperature range
–40
125
°C
Storage temperature range
–55
150
°C
PACKAGE
θJA
TA = 70°C POWER RATING
DERATING FACTOR ABOVE TA = 25°C
QFN – RHD(1)
39
°C/W
2.36 W
0.028 W/
°C
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
7.0 V
≤ VPVCC ≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CONDITIONS
VPVCC_OP
PVCC Input voltage operating range
5.0
24.0
V
CHARGE VOLTAGE REGULATION
VBAT_REG_RNG
BAT voltage regulation range
4-4.512 V per cell, times 2,3,4 cells
8
18.04
V
8
VVDAC_OP
VDAC reference voltage range
2.6
3.6
V
VADJ_OP
VADJ voltage range
0
REGN
V
8 V, 8.4 V, 9.024 V
–0.5
0.5
Charge voltage regulation accuracy
12 V, 12.6 V, 13.536 V
–0.5
0.5
%
16 V, 16.8 V, 18.048 V
–0.5
0.5
Charge voltage regulation set to
VADJ connected to REGN, 8.4 V, 12.6 V,
–0.5
0.5
%
default to 4.2 V per cell
16.8 V
CHARGE CURRENT REGULATION
VIREG_CHG
Charge current regulation differential
VIREG_CHG = VSRP – VSRN
0
100
mV
voltage range
VSRSET_OP
SRSET voltage range
0
VDAC
V
VIREG_CHG = 40–100 mV
–3
3
VIREG_CHG = 20 mV
–5
5
Charge current regulation accuracy
%
VIREG_CHG = 5 mV
–25
25
VIREG_CHG = 1.5 mV
–33
33
6
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :bq24751A



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BQ24751Host-controlled Multi-chemistry Battery Charger with System Power Selector AC Over-Power Protection and Programmable OVP 1 2 3 4 5 MoreTexas Instruments
BQ24750Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection 1 2 3 4 5 MoreTexas Instruments
BQ24750_07Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection 1 2 3 4 5 MoreTexas Instruments
BQ24740_07Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect 1 2 3 4 5 MoreTexas Instruments
BQ24740Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect 1 2 3 4 5 MoreTexas Instruments
MAX1909Multichemistry Battery Charger with Automatic System Power Selector 1 2 3 4 5 MoreMaxim Integrated Products
BQ24721_07ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR 1 2 3 4 5 MoreTexas Instruments
TLV320AIC26_07LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC 1 2 3 4 5 MoreTexas Instruments
ISL1209_06Low Power RTC with Battery Backed SRAM and Event Detection 1 2 3 4 5 MoreIntersil Corporation
ISL12020Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl