Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL613-05-XXXMIR Datasheet(PDF) 9 Page - PhaseLink Corporation

Part # PL613-05-XXXMIR
Description  1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL613-05-XXXMIR Datasheet(HTML) 9 Page - PhaseLink Corporation

  PL613-05-XXXMIR Datasheet HTML 1Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 2Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 3Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 4Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 5Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 6Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 7Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 8Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoTreo
TM, 3-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 7/2/07 Page 9
ORDERING INFORMATION (GREEN PACKAGE COMPLIANT)
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PL613-05-XXX X X X
* PhaseLink will assign a unique 3-digit ID code for each approved programmed part number.
Part Number/Order Number
Marking
Package Option
PL613-05-XXXMC
J3XXX
10-Pin MSOP (Tube)
PL613-05-XXXMC-R
J3XXX
10-Pin MSOP (Tape and Reel)
PL613-05-XXXSC
J3XXX
8-Pin SOP (Tube)
PL613-05-XXXSC-R
J3XXX
8-Pin SOP (Tape and Reel)
Note: ‘XXX’ designates marking identifier that, at times, could be independent of the part number.
Please consult your PhaseLink sales representative for marking information.
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
Solder reflow profile available at www.phaselink.com/QA/solderingGreen.pdf
PART NUMBER
TEMPERATURE
C=COMMERCIAL (0
C to 70C)
I= INDUSTRIAL (-40
C to +85C)
PACKAGE TYPE
M=MSOP-10L
S=SOP-8L
3 DIGIT ID Code *
(will be assigned at
programming time)
NONE= TUBE
R=TAPE and REEL


Similar Part No. - PL613-05-XXXMIR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOC MICROCHIP-PL613-01-XXXOC Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOC-TR MICROCHIP-PL613-01-XXXOC-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOI-TR MICROCHIP-PL613-01-XXXOI-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXQC-TR MICROCHIP-PL613-01-XXXQC-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
More results

Similar Description - PL613-05-XXXMIR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL612-05 PLL-PL612-05 Datasheet
429Kb / 9P
   1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
Aeroflex Circuit Techno...
UT7R995 AEROFLEX-UT7R995 Datasheet
173Kb / 22P
   RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
   3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
   3-PLL Multi-Output Clock Generator
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
   3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com