Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL613-05-XXXMIR Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL613-05-XXXMIR
Description  1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL613-05-XXXMIR Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL613-05-XXXMIR Datasheet HTML 1Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 2Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 3Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 4Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 5Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 6Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 7Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 8Page - PhaseLink Corporation PL613-05-XXXMIR Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoTreo
TM, 3-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 7/2/07 Page 3
FUNCTIONAL DESCRIPTION
The PL613-05 is a highly featured, very flexible, advanced triple PLL design for high performance, low-power
applications. The device accepts a low-cost fundamental crystal input of 10MHz to 50MHz or a reference clock
input of 1MHz to 200MHz and is capable of producing 3 (SOP-8L) or 5 (MSOP-10L) distinct output frequencies up
to 200MHz. All 3-PLLs are fully programmable, with a total of four, 5-bit Post VCO, Odd/Even (patent pending) ‘P-
counter’ dividers with additional 1, 2, 4 or 8 ‘Post P-counter’ dividers to allow generating the most demanding
frequencies easily. The outputs can be programmed to deliver the generated frequencies from the PLLs, or the
reference input. Each bidirectional feature pin (I/O) on the PL613-05 incorporates a 60KΩ pull up resistor (10MΩ
for PDB function) and can be configured to perform various functions. Usage of various design features of these
products is mentioned in the following paragraphs.
PLL Programming
The three PLLs in PL613-05 are fully programmable.
Each PLL is equipped with an 8-bit input frequency
divider (R-Counter) and an 11-bit VCO frequency
feedback loop (M-Counter) divider. The three PLL
outputs are transferred to four 5-bit post VCO,
Odd/Even (patent pending) dividers (P-Counter), as
shown in the above diagrams. In addition, there are
three optional (÷1, ÷2, ÷4 or ÷8) post P-Counter
dividers, that can further divide the VCO frequencies.
In general, the PLL output frequency is determined by
the following formula
FOUT = (FREF *M) / (R*P)
For output calculations, please note that ‘P’ includes
the ‘P’ counter bits plus the additional optional (÷1,
÷2, ÷4 or ÷8) dividers, if used.
CLKx (Clock Outputs)
There are a maximum of 3 (SOP-8L) or 5 (MSOP-10L)
outputs available on the PL613-05. Clock output
frequencies can be configured as follows:
CLK[0]
FVCO2 / P
CLK[1,2]
FVCOx / (P*(1,2,4,8)) or FREF / (P*(1,2,4,8))
CLK[3]
FVCO2 / (P*(1,2,4,8)) or FREF / (P*(1,2,4,8))
CLK[4]
FVCO3 / P or FREF / P
Each output can be programmed with a 4mA, 8mA, or
16mA drive strength. The maximum output frequency
is 200MHz @ 3.3V, 166MHz @ 2.5V or 133MHz @
1.8V.
OEM (Master Output Enable)
One pin can be configured to be a single Master OE
(OEM) input pin that controls all the outputs of the
PL613-05. In addition the state of the disabled
outputs can be programmed to float (Hi Z) or Active
‘0’. The OEM pin incorporates a 60kΩ pull up
resistor for normal operating condition. The logic for
OEM is shown below:
OEM
Pin
OE Type
(Programmable)
Osc
PLL
Output
0 (Default)
On
On
Hi Z
0
1
On
On
Active ‘0’
1
Normal Operation (Default)
Note: Typical enable time is 10ns.
Power-Down Control (PDB)
When activated, PDB ‘Disables all the PLLs, the
oscillator circuitry, counters, and all other active
circuitry. PDB activation disables all outputs and the
IC consumes <10µA of power. The PDB input
incorporates a 10MΩ pull up resistor for normal
operating condition.
The PDB feature can be programmed to allow the
output to float (Hi Z), or to operate in the ‘Active low’
mode. The logic for PDB is shown below:
PDB
Pin
PDB Type
Program
Osc
PLL
Output
0
0 (Default)
Off
Off
Hi Z
1
Off
Off
Active ‘0’
1
Normal Operation (Default)
Note: Typical enable time is <2ms.


Similar Part No. - PL613-05-XXXMIR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOC MICROCHIP-PL613-01-XXXOC Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOC-TR MICROCHIP-PL613-01-XXXOC-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXOI-TR MICROCHIP-PL613-01-XXXOI-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL613-01-XXXQC-TR MICROCHIP-PL613-01-XXXQC-TR Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
More results

Similar Description - PL613-05-XXXMIR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL612-05 PLL-PL612-05 Datasheet
429Kb / 9P
   1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
Aeroflex Circuit Techno...
UT7R995 AEROFLEX-UT7R995 Datasheet
173Kb / 22P
   RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
   3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
   3-PLL Multi-Output Clock Generator
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
   3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com