Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA6300 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA6300
Description  Sound fader control circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6300 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA6300 Datasheet HTML 2Page - NXP Semiconductors TEA6300 Datasheet HTML 3Page - NXP Semiconductors TEA6300 Datasheet HTML 4Page - NXP Semiconductors TEA6300 Datasheet HTML 5Page - NXP Semiconductors TEA6300 Datasheet HTML 6Page - NXP Semiconductors TEA6300 Datasheet HTML 7Page - NXP Semiconductors TEA6300 Datasheet HTML 8Page - NXP Semiconductors TEA6300 Datasheet HTML 9Page - NXP Semiconductors TEA6300 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
May 1990
6
Philips Semiconductors
Product specification
Sound fader control circuit
TEA6300
TEA6300T
CHARACTERISTICS
VCC = 8,5 V; RS = 600 Ω; RL = 10 kΩ; f = 1 kHz; Tamb = 25 °C; test circuit Fig.10; unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
Supply voltage
7,0
8,5
13,2
V
ICC
Supply current
26
mA
ICC
Supply current at 8,5 V
−−
33
mA
ICC
Supply current at 13,2 V
−−
44
mA
DC voltage
VDC
inputs, outputs and reference
0,45
0,5
0,55
VCC
Internal reference voltage (pin 20)
VREF
Vref = 0,5 VCC
4,25
V
Maximum voltage gain
Gv
bass and treble linear, fader off
19
20
21
dB
Output voltage level
Vo(rms)
for Pmax at the output stage
500
mV
Vo(rms)
for start of clipping
1000
mV
Input sensitivity
Vi(rms)
at Vo = 500 mV
50
mV
Frequency response
bass and treble linear; roll-off
fr
frequency
−1 dB
35
20 000
Hz
Channel separation
Gv = 0 dB; bass and treble linear;
α
CS
frequency range 250 Hz to 10 kHz
70
92
dB
Total harmonic distortion
frequency range 20 Hz to 12,5 kHz
THD
Vi = 50 mV; Gv = 20 dB
0,1
0,3
%
THD
Vi = 500 mV; Gv =
0 dB
0,05
0,2
%
THD
Vi = 1,6 V;
Gv = −10 dB
0,2
0,5
%
Ripple rejection
Vr(rms) < 200 mV; Gv = 0 dB;
bass and treble linear;
RR100
at f = 100 Hz
70
dB
RRrange
at f = 40 Hz to 12,5 kHz
60
dB


Similar Part No. - TEA6300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Similar Description - TEA6300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com