Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE210CA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VRE210CA
Description  Precision Surface Mount Reference Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRE210CA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VRE210CA Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE210CA Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE210CA Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE210CA Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE210CA Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE210CA Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE210CA Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE210CA Datasheet HTML 9Page - List of Unclassifed Manufacturers VRE210CA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
•• VERY HIGH ACCURACY: 4.5000 V OUTPUT ±0.4 mV
•• EXTREMELY LOW DRIFT: 0.6 ppm/°C -55°C to +125°C
•• EXCELLENT STABILITY: 6ppm/1000 Hrs. Typ.
•• EXCELLENT LINE REGULATION: 6 ppm/V Typ.
•• WIDE SUPPLY RANGE: +13.5 V to +22.0 V
•• HERMETIC 20 TERMINAL CERAMIC LCC
•• MILITARY PROCESSING AVAILABLE
VRE204
Precision Surface Mount
Reference Supply
DESCRIPTION
APPLICATIONS
•• PRECISION A/D and D/A CONVERTERS
•• TRANSDUCER EXCITATION
•• ACCURATE COMPARATOR THRESHOLD
REFERENCE
•• HIGH RESOLUTION SERVO SYSTEMS
•• DIGITAL VOLTMETERS
•• HIGH PRECISION TEST and
MEASUREMENT INSTRUMENTS
FEATURES
SELECTION GUIDE
VRE204 Series Precision Voltage References
provide ultrastable +4.500 V outputs with up to
±0.4
mV
initial
accuracy
and
temperature
coefficient as low as 0.6 ppm/°C over the full
military temperature range.
These references are specifically designed to be
used with the Crystal Semiconductor line of
successive-approximation type Analog-to-Digital
Converters (ADCs). This line of ADCs sets new
standards for temperature drift, which can only be
as good as the external reference used. The
Thaler VRE204 combined with a Crystal ADC will
provide
the
lowest
drift
data
conversion
obtainable.
Type
Output
Temperature
Operating Range
Max. Volt
Deviation
VRE204C
+4.5V
-25°C to +85°C
0.4mV
VRE204CA
+4.5V
-25°C to +85°C
0.2mV
VRE204M
+4.5V
-55°C to +125°C
0.6mV
VRE204MA +4.5V
-55°C to +125°C
0.3mV
VRE204 series devices are available in two operating temperature ranges, -25°C to +85°C and -55°C to
+125°C, and two performance grades. All devices are packaged in 20 terminal LCC ceramic packages
for maximum long-term stability. "M" versions are screened for high reliability and quality.
Superior stability, accuracy, and quality make the VRE204 ideal for all precision applications which may
require a 4.5V reference. High-accuracy test and measurement instrumentation, and transducer
excitation are some other applications which can benefit from the high accuracy of the VRE204.
VRE204DS REV. C JUNE 1995
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000


Similar Part No. - VRE210CA

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE210CA CIRRUS-VRE210CA Datasheet
313Kb / 4P
   Precision Voltage Reference
VRE210CA CIRRUS-VRE210CA Datasheet
375Kb / 4P
   Precision Voltage Reference
More results

Similar Description - VRE210CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
   Precision Surface Mount Reference Supplies
VRE114 ETC-VRE114 Datasheet
307Kb / 5P
   Precision Reference Supplies
VRE105 ETC1-VRE105 Datasheet
224Kb / 5P
   Precision Reference Supplies
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
   Precision Reference Supplies
VRE117 ETC2-VRE117 Datasheet
425Kb / 5P
   Precision Reference Supplies
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
   Precision Reference Supplies
VRE204 ETC-VRE204 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE205 ETC1-VRE205 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com