Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4239-00 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 4239-00
Description  SPDT UltraCMOS??RF Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4239-00 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4239-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4239-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4239-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4239-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4239-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4239-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4239-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4239-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4239-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 of 9
©2002-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0068-02
│ www.psemi.com
RFC
RF1
RF2
CMOS
Control
Driver
CTRL CTRL or V
DD
The PE4239 UltraCMOS™ RF Switch is designed to cover a
broad range of applications from DC through 3.0 GHz. This
reflective switch integrates on-board CMOS control logic with a
low voltage CMOS-compatible control interface, and can be
controlled using either single-pin or complementary control
inputs. Using a nominal +3-volt power supply voltage, a typical
input 1 dB compression point of +27 dBm can be achieved.
The PE4239 UltraCMOS™ RF Switch is manufactured on
Peregrine’s UltraCMOS™ process, a patented variation of
silicon-on-insulator (SOI) technology on a sapphire substrate,
offering the performance of GaAs with the economy and
integration of conventional CMOS.
Product Specification
SPDT UltraCMOS™ RF Switch
Product Description
Figure 1. Functional Diagram
Figure 2. Package Type SC-70
PE4239
Features
Single-pin or complementary CMOS
logic control inputs
+3.0-volt power supply needed for
single-pin control mode
Low insertion loss: 0.7 dB at 1.0 GHz,
0.9 dB at 2.0 GHz
Isolation of 32 dB at 1.0 GHz, 23 dB at
2.0 GHz
Typical input 1 dB compression point of
+27 dBm
Ultra-small SC-70 package
Parameter
Conditions
Minimum
Typical
Maximum
Units
Operation Frequency1
DC
3000
MHz
Insertion Loss
1000 MHz
2000 MHz
0.7
0.9
0.85
1.05
dB
dB
Isolation
1000 MHz
2000 MHz
30
21
32
23
dB
dB
Return Loss
1000 MHz
2000 MHz
18
16
20
18
dB
dB
‘ON’ Switching Time
50% CTRL to 0.1 dB of final value, 1 GHz
300
ns
‘OFF’ Switching Time
50% CTRL to 25 dB isolation, 1 GHz
200
ns
Video Feedthrough2
15
mVpp
Input 1 dB Compression
2000 MHz
26
27
dBm
Input IP3
2000 MHz, 14 dBm input power
43
45
dBm
Notes: 1. Device linearity will begin to degrade below 10 MHz.
2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low in a 50
Ω test
set-up, measured with 1ns risetime pulses and 500 MHz bandwidth.
Table 1. Electrical Specifications @ +25 °C, VDD = 3 V (ZS = ZL = 50 Ω)
6-lead SC-70


Similar Part No. - 4239-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4239-00 PEREGRINE-4239-00 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
More results

Similar Description - 4239-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com