Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6HK-2F-U3VDC Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6HK-2F-U3VDC
Description  Ultra-compact, Ultra-sensitive DPDT Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6HK-2F-U3VDC Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6HK-2F-U3VDC Datasheet HTML 1Page - Omron Electronics LLC G6HK-2F-U3VDC Datasheet HTML 2Page - Omron Electronics LLC G6HK-2F-U3VDC Datasheet HTML 3Page - Omron Electronics LLC G6HK-2F-U3VDC Datasheet HTML 4Page - Omron Electronics LLC G6HK-2F-U3VDC Datasheet HTML 5Page - Omron Electronics LLC G6HK-2F-U3VDC Datasheet HTML 6Page - Omron Electronics LLC G6HK-2F-U3VDC Datasheet HTML 7Page - Omron Electronics LLC G6HK-2F-U3VDC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
65
G6H
G6H
Characteristics
Note:
The above values are initial values.
Note:
1. The contact resistance was measured with 10 mA at 1 VDC with a voltage drop method.
2. Values in parentheses are actual values.
3. The insulation resistance was measured with a 500-VDC megohmmeter applied to the same parts as those used for checking
the dielectric strength. (The insulation resistance between the set and reset coil (G6HK-2 only), however, is 100 M
Ω min. when
measured with a 125-VDC megohmmeter.)
Approved Standards
UL114, UL478 (File No. E41515)/CSA C22.2 No.0, No.14 (File No. LR31928)
Contact resistance (See note 1.)
50 m
Ω max. (G6H-2-U: 100 mΩ max.; G6H-2F: 60 mΩ max.)
Operate (set) time (See note 2.)
Single-side stable types: 3 ms max. (approx. 2 ms)
Latching types: 3 ms max. (approx. 1.5 ms)
Release (reset) time (See note 2.)
Single-side stable types: 2 ms max. (approx. 1 ms)
Latching types: 3 ms max. (approx. 1.5 ms)
Min. set/reset signal width
Latching type: 5 ms min. (at 23°C)
Max. operating frequency
Mechanical: 36,000 operations/hr
Electrical: 1,800 operations/hr (under rated load)
Insulation resistance (See note 3.)
1,000 M
Ω min. (at 500 VDC)
Dielectric withstand voltage
1,000 VAC, 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
750 VAC, 50/60 Hz for 1 min between contacts of same polarity
125 VAC, 50/60 Hz for 1 min between set and reset coil (only G6HK-2)
Impulse withstand voltage
1,500 V (10 x 160 µs) between contacts of same polarity (conforms to FCC Part 68)
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 2.5-mm single amplitude (5-mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 1.65-mm single amplitude (3-mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 500 m/s2
Endurance
Mechanical: 100,000,000 operations min. (at 36,000 operations/hr)
Electrical: 200,000 operations min. (at 1,800 operations/hr)
Ambient temperature
Operating:
−40°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 1.5 g
Model
Contact form
Coil ratings
Contact ratings
G6H-2
G6HU-2
G6HK-2
G6H(U/K)-2-U
G6H(U/K)-2-100
DPDT
1.5 to 48 VDC
2 A, 30 VDC
0.3 A, 110 VDC
0.5 A, 125 VAC


Similar Part No. - G6HK-2F-U3VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6HK-2 OMRON-G6HK-2 Datasheet
526Kb / 10P
   Low Signal Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results

Similar Description - G6HK-2F-U3VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com