Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR745PBF Datasheet(PDF) 1 Page - International Rectifier

Part # MBR745PBF
Description  SCHOTTKY RECTIFIER 7.5 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR745PBF Datasheet(HTML) 1 Page - International Rectifier

  MBR745PBF Datasheet HTML 1Page - International Rectifier MBR745PBF Datasheet HTML 2Page - International Rectifier MBR745PBF Datasheet HTML 3Page - International Rectifier MBR745PBF Datasheet HTML 4Page - International Rectifier MBR745PBF Datasheet HTML 5Page - International Rectifier MBR745PBF Datasheet HTML 6Page - International Rectifier MBR745PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
I
F(AV)
Rectangular
7.5
A
waveform
V
RRM
35 - 45
V
I
FSM
@ tp = 5 μs sine
690
A
V
F
@ 7.5Apk,T
J = 125°C
0.57
V
T
J
range
- 65 to 150
°C
SCHOTTKY RECTIFIER
7.5 Amp
MBRB7..PbF
Bulletin PD-21048 rev. A 06/06
1
Major Ratings and Characteristics
Characteristics
Values
Units
Description/ Features
The MBRB7.. Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse bat-
tery protection.
150° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
www.irf.com
IF(AV) = 7.5Amp
VR = 35 - 45V
Case Styles
D2PAK
Anode
1
3
Base
Cathode
2
N/C


Similar Part No. - MBR745PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR745PBF VISHAY-MBR745PBF Datasheet
445Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 20-Aug-08
MBR745PBF VISHAY-MBR745PBF Datasheet
153Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
More results

Similar Description - MBR745PBF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
First Components Intern...
FBR735 FCI-FBR735 Datasheet
129Kb / 2P
   7.5 Amp SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_13 Datasheet
200Kb / 3P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Vishay Siliconix
MBRB735 VISHAY-MBRB735 Datasheet
104Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 22-Aug-08
VS-MBRB745PBF VISHAY-VS-MBRB745PBF Datasheet
146Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 16-Mar-10
MBRB735PBF VISHAY-MBRB735PBF_10 Datasheet
102Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 16-Mar-10
VS-MBR7PBF VISHAY-VS-MBR7PBF_V01 Datasheet
127Kb / 7P
   Schottky Rectifier, 7.5 A
08-Feb-17
VS-MBR7PBF VISHAY-VS-MBR7PBF Datasheet
154Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
MBR735PBF VISHAY-MBR735PBF_12 Datasheet
153Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com