Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8001S Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # KS8001S
Description  1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8001S Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button KS8001S Datasheet HTML 5Page - Micrel Semiconductor KS8001S Datasheet HTML 6Page - Micrel Semiconductor KS8001S Datasheet HTML 7Page - Micrel Semiconductor KS8001S Datasheet HTML 8Page - Micrel Semiconductor KS8001S Datasheet HTML 9Page - Micrel Semiconductor KS8001S Datasheet HTML 10Page - Micrel Semiconductor KS8001S Datasheet HTML 11Page - Micrel Semiconductor KS8001S Datasheet HTML 12Page - Micrel Semiconductor KS8001S Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
KS8001
Micrel
May 2005 – SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
KS8001
MICREL CONFIDENTIAL. DO NOT DISTRIBUTE.
9
Pin Number
Pin Name
Type
(Note 1)
Pin Function
36
GND
Gnd
Ground
37
REXT
I
External resistor (6.65K
Ω) connects to REXT and GNDRX
38
VDDRCV
Pwr
Analog 3.3 V power supply (See “Circuit design ref for power supply”
section for details)
39
GND
Gnd
Ground
40
TX-
O
Transmit Outputs
Differential transmit output for 100BASE-TX/FX or 10BASE-T
41
TX+
O
Transmit Outputs
Differential transmit output for FX, 100BASE-TX/FX or 10BASE-T
42
NC
No Connect
43
NC
No Connect
44
GND
Gnd
Ground
45
XO
O
XTAL feedback
Used with XI for Xtal application.
46
XI
I
Crystal Oscillator Input
Input for a crystal or an external 25 MHz clock
47
VDDPLL
Pwr
Analog PLL 1.8 V power supply
48
RST#
Ipu
Chip Reset
Active low, minimum of 50 us pulse is required
Note 1:
Pwr = power supply;
Gnd = ground;
I = input;
O = output;
I/O = bi-directional
Ipu = input w/ internal pull up;
Ipd = input w/ internal pull down;
Ipu/O = input w/ internal pull up during
reset, output pin otherwise;
Ipd/O = input w/ internal pull down during
reset, output pin otherwise;
PD = strap pull down;
PU = strap pull up;
Note 2:
MII Rx Mode: The RXD[3..0] bits are synchronous with RXCLK. When RXDV is asserted, RXD [3..0]
presents valid data to MAC through the MII. RXD [3..0] is invalid when RXDV is de-asserted.
Note 3:
RMII Rx Mode: The RXD[1..0] bits are synchronous with REF_CLK. For each clock period in which
CRS_DV is asserted, two bits of recovered data are sent from the PHY.
Note 4:
SMII Rx Mode: Receive data and control information are sent in 10 bit segments. In 100MBit mode, each
segment represents a new byte of data. In 10MBit mode, each segment is repeated ten times; therefore,
every ten segments represents a new byte of data. The MAC can sample any one of every 10 segments in
10MBit mode.
Note 5:
MII Tx Mode: The TXD[3..0] bits are synchronous with TXCLK. When TXEN is asserted, TXD [3..0]
presents valid data from the MAC through the MII. TXD [3..0] has no effect when TXEN is de-asserted.
Note 6:
RMII Tx Mode: The TXD[1..0] bits are synchronous with REF_CLK. For each clock period in which TX_EN
is asserted, two bits of recovered data are recovered by the PHY.
Note 7:
SMII Tx Mode: Transmit data and control information are received in 10 bit segments. In 100MBit mode,
each segment represents a new byte of data. In 10MBit mode, each segment is repeated ten times;
therefore, every ten segments represents a new byte of data. The PHY can sample any one of every 10
segments in 10MBit mode.


Similar Part No. - KS8001S

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8001S MICREL-KS8001S Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KS8001S MICREL-KS8001S Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
More results

Similar Description - KS8001S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KS8721B MICREL-KS8721B_11 Datasheet
2Mb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com