Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNP300-1012 Datasheet(PDF) 6 Page - Power-One

Part # FNP300-1012
Description  AC-DC Power Supply 12V, 24V, 48V Output, 300 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP300-1012 Datasheet(HTML) 6 Page - Power-One

  FNP300-1012 Datasheet HTML 1Page - Power-One FNP300-1012 Datasheet HTML 2Page - Power-One FNP300-1012 Datasheet HTML 3Page - Power-One FNP300-1012 Datasheet HTML 4Page - Power-One FNP300-1012 Datasheet HTML 5Page - Power-One FNP300-1012 Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MAY 30, 2006 revised to SEP 27, 2006
Page 6 of 6
www.power-one.com
FNP300 AC-DC Power Supply Data Sheet
12V, 24V, 48V Output, 300 Watts
Mechanical Data
Mechanical Data (H, W, D)
4” (101.6mm) x 1.65” (41.9mm) x 8.5” (215.9mm)
Weight: 2.205 lb (1 kg)
Output Connector Descriptions
PIN 1
PIN 13
Rear View
Connector: Molex (15-06-0241)
Output Connector
Description
Pin
Location
Reference
Name
12V Output
24V Output
48V Output
4,5,6,16,17,18
4,5,6,16,17,18
4,5,6,16,17,18
Vo1
Vo1
Vo1
12V Output RTN
24V Output RTN
48V Output RTN
1,2,3,13,14,15
1,2,3,13,14,15
1,2,3,13,14,15
Vo1 RTN
Vo1 RTN
Vo1 RTN
AC-fail, DC-fail, Temp.-fail
9
PS_FAIL
Power Supply Present
Signal
23
PS_PRSNT_L
Serial Data Line
11
SDA
Serial Clock Line
12
SCL
Address Input Line A0
21
AO
Address Input Line A1
20
A1
5 to 7V
10
µC supply voltage bus
FAN OK
24
FAN_FAIL
PS Remote Shut Down
22
PS_RSD_H
12V Standby RTN
7
Vo2 RTN / Logic
Ground / 5 to 7V RTN
12V Standby
19
Vo2
Address Input Line A2
8
A2
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written
consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.


Similar Part No. - FNP300-1012

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP300-1012 POWER-ONE-FNP300-1012 Datasheet
114Kb / 6P
   FNP300 AC DC Power Supply DATA Sheet 12V 24V 48V Output 300 Watts
logo
Bel Fuse Inc.
FNP300-1012DS101 BEL-FNP300-1012DS101 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
FNP300-1012G BEL-FNP300-1012G Datasheet
717Kb / 6P
   AC-DC POWER SUPPLIES
FNP300-1012H BEL-FNP300-1012H Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
FNP300-1012S101 BEL-FNP300-1012S101 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
More results

Similar Description - FNP300-1012

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP300-1012 POWER-ONE-FNP300-1012_10 Datasheet
114Kb / 6P
   FNP300 AC DC Power Supply DATA Sheet 12V 24V 48V Output 300 Watts
logo
Sparkle Power Inc.
FSP300-60DL SPI-FSP300-60DL Datasheet
77Kb / 1P
   300 Watts -48V DC Input ATX12V Switching Power Supply
FSP400-60DL SPI-FSP400-60DL Datasheet
74Kb / 1P
   300 Watts -48V DC Input ATX12V Switching Power Supply
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
   DC Fan - 12V, 24V and 48V
logo
Sparkle Power Inc.
FSP300-60GHC SPI-FSP300-60GHC Datasheet
257Kb / 1P
   300 Watts ATX12V Switching Power Supply
SPI300ACH8 SPI-SPI300ACH8 Datasheet
418Kb / 1P
   300 Watts ATX12V Switching Power Supply
logo
ETA-USA
BBS ETA-USA-BBS Datasheet
936Kb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 300 WATTS UNIVERSAL INPUT
logo
Sparkle Power Inc.
FSP300-702US SPI-FSP300-702US Datasheet
40Kb / 1P
   300 Watts ATX 12V, 2U Switching Power Supply
FSP300-701US SPI-FSP300-701US Datasheet
36Kb / 1P
   300 Watts ATX 12V, 1U Switching Power Supply
logo
Power-One
SFP450-12BG POWER-ONE-SFP450-12BG Datasheet
823Kb / 9P
   AC-DC Front-End 12V Output, 450 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com