Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPD200-4530 Datasheet(PDF) 10 Page - Power-One

Part # CPD200-4530
Description  200 - 250 Watt CompactPCI DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

CPD200-4530 Datasheet(HTML) 10 Page - Power-One

Back Button CPD200-4530 Datasheet HTML 5Page - Power-One CPD200-4530 Datasheet HTML 6Page - Power-One CPD200-4530 Datasheet HTML 7Page - Power-One CPD200-4530 Datasheet HTML 8Page - Power-One CPD200-4530 Datasheet HTML 9Page - Power-One CPD200-4530 Datasheet HTML 10Page - Power-One CPD200-4530 Datasheet HTML 11Page - Power-One CPD200-4530 Datasheet HTML 12Page - Power-One CPD200-4530 Datasheet HTML 13Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NOV 28, 2006 revised to JAN 29, 2007
Page 10 of 13
www.power-one.com
®
CPD Series Data Sheet
200 – 250 Watt CompactPCI® DC-DC Converters
Immunity to Environmental Conditions
Table 9: Mechanical and climatic stress
Test method
Standard
Test conditions
Status
Ca
Damp heat
IEC/EN 60068-2-78
Temperature:
40 ±2 °C
Converter
steady state
Relative humidity:
93 +2/-3 %
not
Duration:
56 days
operating
Ea
Shock
IEC/EN 60068-2-27
Acceleration amplitude:
20 gn
Converter
(half-sinusoidal)
Bump duration:
11 ms
operating
Number of bumps:
18 (3 in each direction)
Eb
Bump
IEC/EN 60068-2-29
Acceleration amplitude:
15 gn
Converter
(half-sinusoidal)
Bump duration:
6 ms
operating
Number of bumps:
6000 (1000 in each direction)
Fda
Random vibration
IEC/EN 60068-2-35
Acceleration spectral density: 0.05 gn2/Hz
Converter
wide band
Frequency band:
20 – 500 Hz
operating
Reproducibility
Acceleration magnitude:
4.9 gn rms
high
Test duration:
3 h (1 h in each axis)
Drop test
Converter in proper packing
0.75 m
3 directions
Not
operating
Temperatures
Table 10: Temperature specifications, valid for an air pressure of 800 – 1200 hPa (800 – 1200 mbar)
Relative humidity3 [%]
Temperature [°C]
Characteristics
Conditions
min
typ
max
min
typ
max
TA
Ambient temperature
Operational1
5
95
–25
50
TC
Case temperature 2
5
95
–25
105 2
TS
Storage temperature
Non operational
10
95
–40
85
Rth C-A
Thermal resistance case to ambient in still air
2 K/W
1
See: Thermal Considerations.
2
Overtemperature shut-down at TC
≥105 °C
Reliability
Table 11: MTBF
Ratings at specified
Model
Ground
Ground fixed
Ground
Unit
case temperature
benign
mobile
40 °C
40 °C
70 °C
50 °C
MTBF acc. to
CPD250-4530
288 000
59 000
33 000
27 000
h
MIL-HDBK-217F, notice 2
3
Non condensing humidity


Similar Part No. - CPD200-4530

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
CPD200-4530 BEL-CPD200-4530 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
CPD200-4530G BEL-CPD200-4530G Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
CPD200-4530S227 BEL-CPD200-4530S227 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
CPD200-4530S227G BEL-CPD200-4530S227G Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
CPD200-4530S228 BEL-CPD200-4530S228 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
More results

Similar Description - CPD200-4530

ManufacturerPart #DatasheetDescription
logo
Power-One
LKP5662-7R POWER-ONE-LKP5662-7R Datasheet
90Kb / 4P
   250 Watt AC-DC Converters
logo
Wall Industries,Inc.
LV200 WALL-LV200 Datasheet
649Kb / 12P
   200 Watt Half-Brick DC - DC Power Converters
logo
CINCON ELECTRONICS Corp...
CHB200W-110S CINCON-CHB200W-110S Datasheet
571Kb / 2P
   200 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Power-One
LWR-1601-6 POWER-ONE-LWR-1601-6 Datasheet
110Kb / 5P
   125 and 250 Watt AC-DC Converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB200W CINCON-CHB200W Datasheet
201Kb / 2P
   165 - 200 WATT 4:1 INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
CHB200W RSG-CHB200W Datasheet
205Kb / 1P
   132-200 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com