Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MBP75TEA120 Datasheet(PDF) 7 Page - Fuji Electric

Part # 6MBP75TEA120
Description  Econo IPM series 1200V / 75A 6 in one-package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP75TEA120 Datasheet(HTML) 7 Page - Fuji Electric

  6MBP75TEA120 Datasheet HTML 1Page - Fuji Electric 6MBP75TEA120 Datasheet HTML 2Page - Fuji Electric 6MBP75TEA120 Datasheet HTML 3Page - Fuji Electric 6MBP75TEA120 Datasheet HTML 4Page - Fuji Electric 6MBP75TEA120 Datasheet HTML 5Page - Fuji Electric 6MBP75TEA120 Datasheet HTML 6Page - Fuji Electric 6MBP75TEA120 Datasheet HTML 7Page - Fuji Electric 6MBP75TEA120 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6MBP75TEA120
IGBT-IPM
0
5
10
15
20
25
30
35
0
255075
100
125
Switching Loss vs. Collector Current (typ.)
Edc=600V,Vcc=15V,Tj=125°C
Eon
Eoff
Err
Collector current : Ic (A)
0
100
200
300
400
500
0
20
40
60
80
100 120 140 160
Power derating for IGBT (max.)
(per device)
Case Temperature : Tc (°C)
0
50
100
150
200
250
0
20
40
60
80
100 120 140 160
Power derating for FWD (max.)
(per device)
Case Temperature : Tc (°C)
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
0
20 0
400
60 0
800
1 00 0
1200
140 0
Reve rs ed bias ed s a fe operating area
Vc c =1 5V, Tj<= 125 °C (min .)
C ollecto r-Emitte r vo ltage : V c e ( V)
SCSO A
(no n-repe titive pu ls e )
RBSO A
(R e pe titive puls e)
0.01
0.1
1
0.001
0.01
0.1
1
Transient therm al resistance (max.)
Pulse w idth :Pw (sec )
FW D
IG BT
0
5
10
15
20
25
30
35
0
25
50
75
100
125
Switching Loss vs. Collector Current (typ.)
Edc=600V,Vcc=15V,Tj=25
° C
Eon
Eoff
Err
Collector current : Ic (A)


Similar Part No. - 6MBP75TEA120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP75TEA060 FUJI-6MBP75TEA060 Datasheet
303Kb / 8P
   Econo IPM series
More results

Similar Description - 6MBP75TEA120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP50TEA120 FUJI-6MBP50TEA120 Datasheet
307Kb / 8P
   Econo IPM series 1200V / 50A 6 in one-package
7MBP50TEA120 FUJI-7MBP50TEA120 Datasheet
352Kb / 9P
   Econo IPM series 1200V / 50A 7 in one-package
logo
List of Unclassifed Man...
6MBP75RJ120 ETC2-6MBP75RJ120 Datasheet
301Kb / 8P
   IGBT IPM R-series 1200V class 1200V / 75A 6 in one-package
logo
Fuji Electric
6MBP50TEA060 FUJI-6MBP50TEA060 Datasheet
304Kb / 8P
   Econo IPM series 600V / 50A 6 in one-package
6MBP150TEA060 FUJI-6MBP150TEA060 Datasheet
296Kb / 8P
   Econo IPM series 600V / 150A 6 in one-package
6MBP100TEA060 FUJI-6MBP100TEA060 Datasheet
302Kb / 8P
   Econo IPM series 600V / 100A 6 in one-package
logo
List of Unclassifed Man...
7MBP75RJ120 ETC2-7MBP75RJ120 Datasheet
347Kb / 9P
   IGBT IPM R-series 1200V class 1200V / 75A 7 in one-package
6MBP75RTB060 ETC2-6MBP75RTB060 Datasheet
727Kb / 8P
   IPM-R3 series 600V / 75A 6 in one-package
logo
Fuji Electric
7MBP100TEA060 FUJI-7MBP100TEA060 Datasheet
369Kb / 9P
   Econo IPM series 600V / 100A 7 in one-package
6MBI75UC-120 FUJI-6MBI75UC-120 Datasheet
128Kb / 5P
   IGBT Module U-Series 1200V / 75A 6 in one-package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com