Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AV5-GA Datasheet(PDF) 3 Page - General Electric Company

Part # 25AV5-GA
Description  FOR TV HORIZONTAL-DEFLECTION AMPLIFIER APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

25AV5-GA Datasheet(HTML) 3 Page - General Electric Company

  25AV5-GA Datasheet HTML 1Page - General Electric Company 25AV5-GA Datasheet HTML 2Page - General Electric Company 25AV5-GA Datasheet HTML 3Page - General Electric Company 25AV5-GA Datasheet HTML 4Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 25AV5-GA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25A IRF-25A Datasheet
311Kb / 4P
   SCHOTTKY RECTIFIER
25A IRF-25A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
logo
Shanghai Shunye Electro...
25A SHUNYE-25A Datasheet
189Kb / 2P
   SOZA CELL
logo
Seiko Instruments Inc
25A010A SII-25A010A Datasheet
351Kb / 32P
   AUTOMOTIVE ELECTRIC COMPONENT
logo
Vishay Siliconix
25A11B010E VISHAY-25A11B010E Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
More results

Similar Description - 25AV5-GA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
Sanyo Semicon Device
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
   Color TV Horizontal Deflection Output Applications???
2SD2580 SANYO-2SD2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6089 SANYO-2SC6089 Datasheet
56Kb / 4P
   Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com