Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5399G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1N5399G
Description  1.5 AMPS. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5399G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N5399G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5399G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 313 -
RATINGS AND CHARACTERISTIC CURVES (1N5391G THRU 1N5399G)
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
1
100
10
REVERSE VOLTAGE. (V)
FIG.1- TYPICAL FORWARD CHARACTERISTICS
.4
.6
.8
1.0
1.2
1.4
1.6
.01
0.1
1.0
10
FORWARD VOLTAGE. (V)
FIG.2- MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
1
10
100
10
40
50
60
30
100
NUMBER OF CYCLES AT 60Hz
FIG.3- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
50
75
100
125
150
175
0
.25
.50
.75
1.00
1.25
1.50
AMBIENT TEMPERATURE. ( C)
o


Similar Part No. - 1N5399G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N5399G RECTRON-1N5399G Datasheet
1,000Kb / 5P
   GLASS PASSIVATED RECTIFIER
logo
Shanghai Lunsure Electr...
1N5399G CHENYI-1N5399G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Chongqing Pingwei Enter...
1N5399G CHONGQING-1N5399G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Shanghai Shunye Electro...
1N5399G SHUNYE-1N5399G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
SAMYANG ELECTRONICS CO....
1N5399G SAMYANG-1N5399G Datasheet
397Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - 1N5399G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
1N5391G DYELEC-1N5391G Datasheet
694Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
1N5391G LUGUANG-1N5391G Datasheet
94Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G_1 Datasheet
226Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
1N5391G TSC-1N5391G_10 Datasheet
482Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1N5391G JGD-1N5391G Datasheet
131Kb / 2P
   1.5 AMPS . GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Foster Semicon...
DB151G FOSTER-DB151G Datasheet
1Mb / 3P
   1.5 Amps Glass passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
HER151G JGD-HER151G Datasheet
164Kb / 2P
   1.5 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_1 Datasheet
247Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com