Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4140-06DFN Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4140-06DFN
Description  Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4140-06DFN Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4140-06DFN Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4140-06DFN Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4140-06DFN Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4140-06DFN Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4140-06DFN Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4140-06DFN Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4140-06DFN Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4140-06DFN Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4140-06DFN Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Product Specification
PE4140
Page 2 of 10
©2005-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0089-09
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
This MOSFET device has minimally protected
inputs and is highly susceptible to ESD damage.
When handling this UltraCMOS™ device,
observe the same precautions that you would use
with other ESD-sensitive devices.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Exposed
Solder Pad
(bottom side)
IF1
RF1
RF2
IF2
LO1
LO2
4
5
6
3
2
1
Pin
No.
Pin
Name
Description
1
IF1
IF Output Connection (Drain)
2
RF1
RF Input Connection (Source)
3
RF2
RF Input Connection (Source)
4
LO2
LO Input Connection (Gate)
5
LO1
LO Input Connection (Gate)
6
IF2
IF Output Connection (Drain)
Symbol
Parameters/
Conditions
Min
Max
Units
TST
Storage temperature
range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
VDC + AC
Maximum DC plus peak
AC voltage across Drain-
Source
±3.3
V
VDC+AC
Maximum DC plus peak
AC voltage across Gate-
Drain or Gate-Source
±4.2
V
VESD
HBM1 ESD Voltage
100
V
Device Description
The PE4140 passive broadband Quad MOSFET
array is designed for use in up-conversion and
down-conversion applications for high
performance systems such as cellular
infrastructure equipment and STB/CATV systems.
The PE4140 is an ideal mixer core for a wide
range of mixer products, including module level
solutions that incorporate baluns or other single-
ended matching structures enabling three-port
operation.
The performance level of this passive mixer is
made possible by the very high linearity afforded
by Peregrine’s UltraCMOS™ process.
Marking
Packaged devices are marked with part number
“4140”, date code and lot code.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
PE4140 in the 6-lead 3x3 DFN package is MSL1.
Note 1: ML_STD 883 Method 3015.7


Similar Part No. - PE4140-06DFN

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4140-DIE PSEMI-PE4140-DIE Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
More results

Similar Description - PE4140-06DFN

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140 Datasheet
186Kb / 5P
   Ultra-High Linearity Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4141 PSEMI-PE4141 Datasheet
195Kb / 5P
   Ultra-linear UltraCMOS Broadband Quad MOSFET Array
PE4141 PSEMI-PE4141_14 Datasheet
796Kb / 5P
   Ultra-linear UltraCMOS??Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
   High Linearity UltraCMOS??Quad MOSFET Mixer
logo
Peregrine Semiconductor
PE4140-DIE PSEMI-PE4140-DIE Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140_14 Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Lucky Light Electronic
PE4141 LUCKY-LIGHT-PE4141_15 Datasheet
195Kb / 5P
   Broadband Quad MOSFET Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com