Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3606-33DGSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3606-33DGSR
Description  BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3606-33DGSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3606-33DGSR Datasheet HTML 4Page - Texas Instruments TPS3606-33DGSR Datasheet HTML 5Page - Texas Instruments TPS3606-33DGSR Datasheet HTML 6Page - Texas Instruments TPS3606-33DGSR Datasheet HTML 7Page - Texas Instruments TPS3606-33DGSR Datasheet HTML 8Page - Texas Instruments TPS3606-33DGSR Datasheet HTML 9Page - Texas Instruments TPS3606-33DGSR Datasheet HTML 10Page - Texas Instruments TPS3606-33DGSR Datasheet HTML 11Page - Texas Instruments TPS3606-33DGSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPS360633
BATTERY BACKUP SUPERVISOR FOR LOW POWER PROCESSORS
SLVS335C − DECEMBER 2000 − REVISED JANUARY 2007
8
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT = 2 V,
IOH = −400 µA
VOUT − 0.2 V
VOH
High-level output voltage
RESET
VOUT = 3.3 V IOH = −2 mA
VOUT = 5 V,
IOH = −3 mA
VOUT − 0.4 V
V
VOH
High-level output voltage
VOUT = 1.8 V, IOH = −20 µA
VOUT − 0.3 V
V
PFO
VOUT = 3.3 V, IOH = −80 µA
VOUT = 5 V,
IOH = −120 µA
VOUT − 0.4 V
RESET
VOUT = 2 V,
IOL = 400 µA
0.2
VOL
Low-level output voltage
RESET
PFO
VOUT = 3.3 V, IOL = 2 mA
VOUT = 5 V,
IOL = 3 mA
0.4
V
Vres
Power-up reset voltage (see Note 2)
VBAT > 1.1 V or
VDD > 1.4 V, IOL = 20 µA
0.4
V
IO = 5 mA,
VDD = 1.8 V
VDD − 50 mV
Normal mode
IO = 75 mA,
VDD = 3.3 V
VDD − 150 mV
VOUT
Normal mode
IO = 150 mA, VDD = 5 V
VDD − 250 mV
V
VOUT
Battery-backup mode
IO = 4 mA,
VBAT = 1.5 V
VBAT − 50 mV
V
Battery-backup mode
IO = 75 mA,
VBAT = 3.3 V
VBAT − 150 mV
rds(on)
VDD to VOUT on-resistance
VDD = 3.3 V
1
2
rds(on)
VBAT to VOUT on-resistance
VBAT = 3.3 V
1
2
VIT
Negative-going input
threshold voltage
(see Notes 3 and 4)
TPS3606x33
2.87
2.93
2.99
V
V(PFI)
Power-fail input
threshold voltage
PFI
1.13
1.15
1.17
V(SWN)
Battery switch threshold voltage
negative-going VOUT
VIT + 1% VIT + 2%
VIT + 3.2%
V
NOTES:
2. The lowest supply voltage at which RESET becomes active. tr(VDD) ≥ 15 µs/V.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near the supply terminal.
4. Voltage is sensed at VOUT
5. For details on how to optimize current consumption when using WDI refer to section detailed description.
www.ti.com


Similar Part No. - TPS3606-33DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600 TI1-TPS3600 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI-TPS3600D20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI1-TPS3600D20PW Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3606-33DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com