Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71530QDCKRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71530QDCKRQ1
Description  50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71530QDCKRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS71530QDCKRQ1 Datasheet HTML 1Page - Texas Instruments TPS71530QDCKRQ1 Datasheet HTML 2Page - Texas Instruments TPS71530QDCKRQ1 Datasheet HTML 3Page - Texas Instruments TPS71530QDCKRQ1 Datasheet HTML 4Page - Texas Instruments TPS71530QDCKRQ1 Datasheet HTML 5Page - Texas Instruments TPS71530QDCKRQ1 Datasheet HTML 6Page - Texas Instruments TPS71530QDCKRQ1 Datasheet HTML 7Page - Texas Instruments TPS71530QDCKRQ1 Datasheet HTML 8Page - Texas Instruments TPS71530QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
3.290
3.295
3.300
3.305
3.310
3.315
3.320
0
10
20
30
40
50
IO − Output Current − mA
VIN = 4.3 V
COUT = 1 µF
TJ = 25°C
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Free−Air Temperature − °C
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
VIN = 4.3 V
COUT = 1 µF
IOUT = 50 mA
IOUT = 1 mA
2
2.5
3
3.5
4
4.5
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Free-Air Temperature − °C
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 1 µF
100
1 k
10 k
100 k
f − Frequency − Hz
IOUT = 1 mA
IOUT = 50 mA
0
1
2
3
4
5
6
7
8
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
f − Frequency − Hz
14
8
0
12
2
4
10
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
6
16
18
0
100
200
300
400
500
600
0
10
20
30
40
50
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN = 3.2 V
COUT = 1 µF
IOUT − Output Current − mA
0
0.1
0.2
0.4
0.5
0.6
0.7
0.8
0.9
1
0
3
6
9
12
15
VIN − Input Voltage − V
IOUT = 50 mA
TJ = 25°C
TJ = −40°C
TJ = 125°C
0.3
TJ − Free-Air Temperature − °C
−40
5
−25
20 35
65
110 125
50
−10
80 95
VIN = 3.2 V
IOUT = 50 mA
IOUT = 10 mA
0
100
200
300
400
500
600
f − Frequency − Hz
0
80
50
10
70
20
30
60
VIN = 4.3 V
VOUT = 3.3 V
COUT = 10 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
40
90
100
TPS71501-Q1
TPS71525-Q1, TPS71530-Q1
TPS71533-Q1, TPS71550-Q1
SGLS272C – OCTOBER 2004 – REVISED APRIL 2007
OUTPUT VOLTAGE
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
vs
OUTPUT CURRENT
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
Figure 5.
OUTPUT SPECTRAL
NOISE DENSITY
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT CURRENT
Figure 6.
Figure 7.
Figure 8.
TPS71501
POWER-SUPPLY
DROPOUT VOLTAGE
DROPOUT VOLTAGE
RIPPLE REJECTION
vs
vs
vs
INPUT VOLTAGE
FREE-AIR TEMPERATURE
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
5
Submit Documentation Feedback


Similar Part No. - TPS71530QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71530QDCKRQ1 TI-TPS71530QDCKRQ1 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS71530QDCKRQ1 TI-TPS71530QDCKRQ1 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71530QDCKRQ1 TI1-TPS71530QDCKRQ1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
TPS71530QDCKRQ1 TI-TPS71530QDCKRQ1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS71530QDCKRQ1 TI1-TPS71530QDCKRQ1 Datasheet
4Mb / 29P
[Old version datasheet]   TPS715-Q1 50-mA, 24-V, 3.2-μA Quiescent Current Low-Dropout Linear Regulators in SC70 Package
MAY 2023
More results

Similar Description - TPS71530QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com