Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21867-P Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS21867-P
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21867-P Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS21867-P Datasheet HTML 1Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 2Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 3Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 4Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 5Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Dual-In-Line Intelligent
Power Module
30 Amperes/600 Volts
PS21867-P
1
Description:
DIP-IPMs are intelligent power
modules that integrate power
devices, drivers, and protection
circuitry in an ultra compact
dual-in-line transfer-mold package
for use in driving small three
phase motors. Use of 5th
generation IGBTs, DIP packaging,
and application specific HVICs
allow the designer to reduce
inverter size and overall design
time.
Features:
£
Compact Packages
£
Single Power Supply
£
Integrated HVICs
£
Direct Connection to CPU
Applications:
£
Washing Machines
£
Refrigerators
£
Air Conditioners
£
Small Servo Motors
£
Small Motor Control
Ordering Information:
PS21867-P is a 600V, 30 Ampere
DIP Intelligent Power Module.
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
3.11±0.02
79.0±0.5
B
1.22±0.02
31.0±0.5
C
0.28±0.02
7.0±0.5
D
2.64±0.01
67.0±0.3
E
0.53±0.02
13.4±0.5
F
0.84±0.02
21.4±0.5
G
1.37±0.02
34.9±0.5
H
0.15±0.01
3.8±0.2
J
0.11±0.01
2.8±0.3
K
0.39±0.01
10.0±0.3
L
0.79±0.01
20.0±0.3
M
0.50±0.04
12.8±1.0
N
2.98
75.6
P
0.04
1.0
Dimensions
Inches
Millimeters
Q
0.18±0.01 Dia. 4.5±0.2 Dia.
R
0.07±0.002
1.9±0.05
S
0.04±0.01
1.0±0.2
T
0.02 Max.
0.5 Max.
U
0.06±0.02
1.6±0.5
V
0.07±0.002
1.70±0.05
W
0.03±0.01
0.8±0.2
X
0.45±0.02
11.5±0.5
Y
0.13 Max.
3.25 Max.
Z
0.03
0.7
AA
0.18
4.5
BB
0.12
3.1
CC
0.02
0.6
DD
0.07 Max.
1.85 Max.
Z
Z
HEATSINK
SIDE
Y
T
W
V
DD
U
45.0
0-5 MAX.
U
T
R
S
Q (2 PLACES)
N
LABEL
M
L
K
K
K
J
X
H
G
F
E
CC
C
D
B
AA
CC
BB
A
P
1
2
3
4
5 6
7 8
9 10 11
27
28
30
31
33
35
36
37
38
39
40
41
34
32
29
12 13
14 15 16 17 18 19 20
21
22
23
24
25
26
6 VP1
5 VP
3 VUFB
2 VP1
26 N
UN
19
24 V
23 U
22 P
21 WN
25 W
20 VN
28 NC
27 NC
33 NC
31 NC
30 NC
29 NC
32 NC
35 NC
34 NC
40 NC
38 NC
37 NC
36 NC
39 NC
41 NC
7 VVFB
9 WP
11 VPC
10 VP1
12 VWFB
1 UP
4 VUFS
8 VVFS
16 CIN
15 VNC
17 CFO
18 FO
13 VWFS
14 VN1
TERMINAL CODE


Similar Part No. - PS21867-P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21867-P MITSUBISHI-PS21867-P Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21867-P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21867-AP POWEREX-PS21867-AP Datasheet
321Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21267-AP POWEREX-PS21267-AP Datasheet
536Kb / 8P
   Intellimod Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21767 POWEREX-PS21767 Datasheet
760Kb / 9P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21255-E POWEREX-PS21255-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21445-E POWEREX-PS21445-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com