Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9814-1-F3 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9814-1-F3
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9814-1-F3 Datasheet(HTML) 5 Page - California Eastern Labs

  PS9814-1-F3 Datasheet HTML 1Page - California Eastern Labs PS9814-1-F3 Datasheet HTML 2Page - California Eastern Labs PS9814-1-F3 Datasheet HTML 3Page - California Eastern Labs PS9814-1-F3 Datasheet HTML 4Page - California Eastern Labs PS9814-1-F3 Datasheet HTML 5Page - California Eastern Labs PS9814-1-F3 Datasheet HTML 6Page - California Eastern Labs PS9814-1-F3 Datasheet HTML 7Page - California Eastern Labs PS9814-1-F3 Datasheet HTML 8Page - California Eastern Labs PS9814-1-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS9814-1,-2
ELECTRICAL CHARACTERISTICS (TA = -40 to +85ºC, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP. *1
MAX.
UNIT
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25°C
1.4
1.65
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25°C
10
μ
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25°C
30
pF
Detector High Level Output Current
IOH
VCC = VO = 5.5 V, VF = 0.8 V
0.02
250
μ
A
Low Level Output
Voltage*2
VOL
VCC = 5.5 V, IF = 5 mA, IOL = 13 mA
0.15
0.6
V
High Level Supply Current
(PS9814-1)
ICCH
VCC = 5.5 V , IF = 0 mA, VO = open
3
8
mA
High Level Supply Current
(PS9814-2)
6
15
Low Level Supply Current
(PS9814-1)
ICCL
VCC = 5.5 V , IF = 10 mA, VO = open
7.0
11
Low Level Supply Current
(PS9814-2)
14
21
Coupled Threshold Input Current
(H → L)
IFHL
VCC = 5 V, VO = 0.8 V, RL = 350 Ω
2
5
mA
Input-Output
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25°C
1011
Ω
Insulation Resistance
(Input-Input), (PS9814-2)
RI-I
VI-I = 1 kVDC, RH = 40 to 60%,
TA = 25°C
1010
Input-Output
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25°C
0.6
pF
Insulation Capacitance
(Input-Input), (PS9814-2)
CI-I
0.3
Propagation Delay Time
(H → L)*3
tPHL
TA = 25°C
54
75
ns
VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
100
Propagation Delay Time
(L → H)*3
tPLH
TA = 25°C
51
75
VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
100
Rise Time
tr
VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
20
Fall Time
tf
VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
10
Pulse Width Distortion
(PWD) *3
| tPHL−tPLH| VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
3
50
Propagation Delay Skew
tPSK
VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
60
Common Mode
Transient Immunity at
High Level Output*4
CMH
VCC = 5 V, RL = 350 Ω, TA = 25°C,
IF = 0 mA, VO > 2 V, VCM = 1 kV
10
20
kV/μs
Common Mode
Transient Immunity at
Low Level Output*4
CML
VCC = 5 V, RL = 350 Ω, TA = 25°C,
IF = 7.5 mA, VO < 0.8 V, VCM = 1 kV
10
20
*1 Typical values at TA = 25°C
*2 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or less, it is
important to confirm the characteristics (operation with the power supply on and off) during design, before using this device.


Similar Part No. - PS9814-1-F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9814-1 ETC-PS9814-1 Datasheet
110Kb / 3P
   NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9814-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817-1 CEL-PS9817-1 Datasheet
592Kb / 12P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
logo
California Eastern Labs
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9822-1 RENESAS-PS9822-1_15 Datasheet
176Kb / 14P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com