Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4300W Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT7C4300W
Description  Real-time Clock Module (I짼c Bus)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4300W Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT7C4300W Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0222(02/06)
Ver: 0
3
Data Sheet
PT7C4300
Real-time Clock Module (I
2C Bus)
Pin Configuration
Pin Description
Pin no.
Pin
Type
Description
1
X1
I
Oscillator Circuit Input. Together with X1, 32.768kHz crystal is connected between them.
Or external clock input.
2
X2
O
Oscillator Circuit Output. Together with X1, 32.768kHz crystal is connected between them.
3
VBAT
P
Battery Supply Voltage.
4
GND
P
Ground.
5
SDA
I/O
Serial Data Input/Output. SDA is the input/output pin for the 2-wire serial interface. The
SDA pin is open-drain output and requires an external pull-up resistor.
6
SCL
I
Serial Clock Input. SCL is used to synchronize data movement on the I
2C serial interface.
7
FT/OUT
O
Frequency Test / Output Driver. Open drain. 512Hz output when Frequency Test is selected.
Output DC level by register selection. Frequency Test is prior.
8
VCC
P
Supply Voltage.


Similar Part No. - PT7C4300W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302W PERICOM-PT7C4302W Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302WE PERICOM-PT7C4302WE Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
PT7C4302WEX PERICOM-PT7C4302WEX Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4300W

ManufacturerPart #DatasheetDescription
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-4543 EPSON-RTC-4543 Datasheet
257Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-4574 EPSON-RTC-4574 Datasheet
295Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RTC-4701 EPSON-RTC-4701 Datasheet
279Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4581NB EPSON-RX-4581NB Datasheet
255Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com