Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6315-SL Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT6315-SL
Description  VFD Driver/Controller IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6315-SL Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT6315-SL Datasheet HTML 5Page - Princeton Technology Corp PT6315-SL Datasheet HTML 6Page - Princeton Technology Corp PT6315-SL Datasheet HTML 7Page - Princeton Technology Corp PT6315-SL Datasheet HTML 8Page - Princeton Technology Corp PT6315-SL Datasheet HTML 9Page - Princeton Technology Corp PT6315-SL Datasheet HTML 10Page - Princeton Technology Corp PT6315-SL Datasheet HTML 11Page - Princeton Technology Corp PT6315-SL Datasheet HTML 12Page - Princeton Technology Corp PT6315-SL Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6315-S V1.9
- 9 -
September, 2005
VFD Driver/Controller IC
PT6315-S
COMMAND 3: ADDRESS SETTING COMMANDS
Address Setting Commands are used to set the address of the display memory. The address is
considered valid if it has a value of “00H” to “1DH”. If the address is set to 1EH or higher, the data is
ignored until a valid address is set. When power is turned ON, the address is set at “00H”.
Please refer to the diagram below.
MSB
LSB
1
1
0
b4 b3 b2 b1 b0
Address: 00H to 1DH
COMMAND 4: DISPLAY CONTROL COMMANDS
The Display Control Commands are used to turn ON or OFF a display. It also used to set the pulse
width. Please refer to the diagram below. When the power is turned ON, a 1/16 pulse width is selected
and the displayed is turned OFF (the key scanning is stopped).
MSB
LSB
1
0
-
-
b3 b2 b1 b0
Not Relevant
Dimming Quantity Settings:
000: Pulse width = 1/16
001: Pulse width = 2/16
010: Pulse width = 4/16
011: Pulse width = 10/16
100: Pulse width – 11/16
101: Pulse width = 12/16
110: Pulse width = 13/16
111: Pulse width = 14/16
Display Settings:
0: Display Off (Key scan continues)
1: Display On


Similar Part No. - PT6315-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6315-S PTC-PT6315-S Datasheet
1Mb / 21P
   VFD Driver/Controller IC
PT6315-S PTC-PT6315-S_10 Datasheet
1Mb / 21P
   VFD Driver/Controller IC
More results

Similar Description - PT6315-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
   VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
   VFD Driver/Controller IC
V1.2
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
   VFD Driver/Controller IC
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
   VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
   VFD Driver/Controller IC
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
   VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
   VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
   VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
   VFD Driver/Controller IC
PT6315 PTC-PT6315_10 Datasheet
531Kb / 17P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com