Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW4IC915NBR1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MW4IC915NBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW4IC915NBR1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MW4IC915NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW4IC915NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW4IC915NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW4IC915NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW4IC915NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW4IC915NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW4IC915NBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW4IC915NBR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW4IC915NBR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MW4IC915NBR1 MW4IC915GNBR1
9
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS (FREESCALE REFERENCE BOARD) - CONTINUED
f, FREQUENCY (MHz)
Figure 12. Power Gain versus Frequency
960
28
34
860
VDD = 26 Vdc
Pout = P1dB
IDQ1 = 60 mA, IDQ2 = 240 mA
TC = −30_C
25_C
85_C
33
32
31
30
29
870 880 890 900 910 920 930 940 950
960
17
21
860
TC = −30_C
f, FREQUENCY (MHz)
Figure 13. Power Added Efficiency versus
Frequency
VDD = 26 Vdc
Pout = 3 W CW
IDQ1 = 60 mA, IDQ2 = 240 mA
25_C
85_C
20
19
18
950
940
930
920
910
900
890
880
870
100
0
4
0.1
Pout, OUTPUT POWER (WATTS) AVG.
Figure 14. Error Vector Magnitude versus
Output Power
TC = 85_C
VDD = 26 Vdc
IDQ1 = 60 mA, IDQ2 = 240 mA
EDGE Modulation
f = 910 MHz
25_C
−30_C
110
3.5
3
2.5
2
1.5
1
0.5
100
−80
−50
0.1
Pout, OUTPUT POWER (WATTS)
Figure 15. Spectral Regrowth at 400 kHz
versus Output Power
TC = 85_C
VDD = 26 Vdc
IDQ1 = 60 mA, IDQ2 = 240 mA
EDGE Modulation
f = 910 MHz
25_C
−30_C
−55
−60
−65
−70
−75
110
Pout, OUTPUT POWER (WATTS)
Figure 16. Spectral Regrowth at 600 kHz
versus Output Power
100
−86
−70
0.1
TC = −30_C
VDD = 26 Vdc
IDQ1 = 60 mA, IDQ2 = 240 mA
EDGE Modulation
f = 910 MHz
25_C
85_C
−72
−74
−76
−80
−82
110
−78
−84


Similar Part No. - MW4IC915NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC915NBR1 MOTOROLA-MW4IC915NBR1 Datasheet
334Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW4IC915NBR1 NXP-MW4IC915NBR1 Datasheet
955Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 3/2011
More results

Similar Description - MW4IC915NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com