Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3020WTPBF Datasheet(PDF) 6 Page - International Rectifier

Part # MUR3020WTPBF
Description  Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MUR3020WTPBF Datasheet(HTML) 6 Page - International Rectifier

  MUR3020WTPBF Datasheet HTML 1Page - International Rectifier MUR3020WTPBF Datasheet HTML 2Page - International Rectifier MUR3020WTPBF Datasheet HTML 3Page - International Rectifier MUR3020WTPBF Datasheet HTML 4Page - International Rectifier MUR3020WTPBF Datasheet HTML 5Page - International Rectifier MUR3020WTPBF Datasheet HTML 6Page - International Rectifier MUR3020WTPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MUR3020WTPbF
Bulletin PD-20883 11/04
6
www.irf.com
LOGO
RECTIFIER
INTERNATIONAL
ASSEMBLY
LOT CODE
EXAMPLE:
IN ASSEMBLY LINE "H"
ASSEMBLED ON WW 35, 2000
THIS IS A MUR3020WT
WITH ASSEMBLY
LOT CODE 5657
P = LEAD-FREE
YEAR 0 = 2000
PART NUMBER
DATE CODE
LINE H
WEEK 35
P035H
56
57
MUR3020WT
Outline Table
Conform to JEDEC outline TO-247AC (TO-3P)
Dimensions in millimeters and (inches)
15.90 (0.626)
15.30 (0.602)
14.20 (0.559)
14.80 (0.583)
3.70 (0.145)
4.30 (0.170)
5.30 (0.208)
5.70 (0.225)
5.50 (0.217)
4.50 (0.177)
(2 PLCS.)
3.55 (0.139)
3.65 (0.144)
2.20 (0.087)
MAX.
1.00 (0.039)
1.40 (0.056)
3.20 (0.126)
MAX.
0.40 (0.213)
0.80 (0.032)
4.70 (0.185)
5.30 (0.209)
1.5 (0.059)
2.5 (0.098)
2.40 (0.095)
MAX.
5.43 (0.213)
5.47 (0.216)
20.30 (0.800)
19.70 (0.775)
1
2
3
DIA.
BASE
COMMON
CATHODE
COMMON
CATHODE
ANODE
ANODE
2
12
3
Marking Information


Similar Part No. - MUR3020WTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Vishay Siliconix
MUR3020WTPBF VISHAY-MUR3020WTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
More results

Similar Description - MUR3020WTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
   Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
logo
Silicon Supplies
MURC1520 SS-MURC1520 Datasheet
1Mb / 4P
   200V 15A 35ns Rectifier
Rev 1.0 27/12/22
logo
International Rectifier
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
6CWQ04FNPBF IRF-6CWQ04FNPBF Datasheet
177Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
   SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
logo
Sirectifier Global Corp...
MUR3060PT SIRECT-MUR3060PT Datasheet
180Kb / 4P
   Ultrafast Rectifier - 30Amp 600Volt
logo
Fairchild Semiconductor
FFPF10UP60STU FAIRCHILD-FFPF10UP60STU Datasheet
2Mb / 4P
   Ultrafast Recovery trr = 40 ns (@ IF = 1 A)
logo
Taiwan Semiconductor Co...
UG54GS TSC-UG54GS Datasheet
262Kb / 5P
   5A, 200V Ultrafast Rectifier
logo
Sanken electric
FMNS-4606S SANKEN-FMNS-4606S Datasheet
251Kb / 6P
   VRM = 600 V, IF(AV) = 60 A, trr = 100 ns Fast Recovery Diode
CTXS-5306S SANKEN-CTXS-5306S Datasheet
269Kb / 6P
   VRM = 600 V, IF(AV) = 30 A, trr = 35 ns Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com