Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P312NS Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P312NS
Description  8-BIT Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P312NS Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P312NS Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P312NS Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P312NS Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P312NS Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P312NS Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P312NS Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P312NS Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P312NS Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P312NS Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
EM78P312N
8-Bit Microcontroller
2
Product Specification (V1.0) 10.03.2006
(This specification is subject to change without further notice)
4
Pin Description
Table 1
Symbol
Pin No.
Type
Function
VDD
28
Power supply
OSCI
2
I
Crystal type: Crystal input terminal
RC type: RC oscillator input pin
OSCO
1
I/O
Crystal type: Output terminal for crystal oscillator
RC type: Instruction clock output
External clock signal input
/RESET
27
I
Input pin with Schmitt Trigger. If this pin remains at logic low, the
controller will also remain in reset condition.
P60~P67
19~26
I/O
8-bit bidiectional input/output pins.
P60 can be used as external Interrupt 0 (/INT0).
P61 can be used as external Interrupt 1 (INT1).
P62 can be used as 16-bit Timer/Counter 2 (TC2).
P63 can be used as divider output (/TONE).
P64 slave mode enable (/SS).
P60 ~ P63 can be used as pull-high or pull-low pins.
P70~P73
15~18
I/O
8-bit bidiectional input/output pins.
P70 can be used as SPI serial clock input/output (/SCK)
P71 can be used as SPI serial data input (SI) or UART data receive
input (RX)
P72 can be used as SPI serial data output (SO) or UART data
transmit output (TX)
P73 can be used as Sleep mode release input (/SLEEP) or external
interrupt Input 5 (/INT5)
P70 ~ P73 can be used as pull-high or pull-low pins
P80~P81
12~13
I/O
2-bit bidiectional input/output pins.
P80 can be used as 8-bit Timer/Counter 3 (TC3) or external
Interrupt Input 3 (INT3).
P81 can be used as 8-bit Timer/Counter 4 (TC4) or programmable
divider output (PDO).
P80 ~ P81 can be used as pull-high or pull-low pins.
P90~P97
4~11
I/O
8-bit bidiectional input/output pins.
P90~P97 can be used as 8 channel 10-bit resolution A/D converter.
P97 can be used as AD reference power supply input (VREF).
VSS
14
Ground
NC
3
No connection
OTP Programming Pins
VPP
27
I
Programming voltage input
ACLK
1
I
CLK for OTP memory address increment
DATAIN
25
I/O
ROM code series input and series output pin
DINCK
26
I
ROM code input clock
PGMB
24
I
Program write enable pin. Active low.
OEB
23
I
Output enable pin. Active low.


Similar Part No. - EM78P312NS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P311N EMC-EM78P311N Datasheet
667Kb / 68P
   8-BIT Microcontroller
EM78P311SXS/XJ EMC-EM78P311SXS/XJ Datasheet
667Kb / 68P
   8-BIT Microcontroller
EM78P311SXY EMC-EM78P311SXY Datasheet
667Kb / 68P
   8-BIT Microcontroller
More results

Similar Description - EM78P312NS

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com