Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GU7818A Datasheet(PDF) 6 Page - GTM CORPORATION

Part # GU7818A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GU7818A Datasheet(HTML) 6 Page - GTM CORPORATION

  GU7818A Datasheet HTML 1Page - GTM CORPORATION GU7818A Datasheet HTML 2Page - GTM CORPORATION GU7818A Datasheet HTML 3Page - GTM CORPORATION GU7818A Datasheet HTML 4Page - GTM CORPORATION GU7818A Datasheet HTML 5Page - GTM CORPORATION GU7818A Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GU78XXA
Page: 6/6
ISSUED DATE :2005/04/07
REVISED DATE :2005/12/06C
GU7824A (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=33V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
23.28
24.0
24.72
VO
B-Rank (5%)
22.80
-
25.20
V
Vin=33V, Io=500mA, Tj=25 :
27V Vin 38V, 5mA Io 1A, PD 15W
-
18
480
27V Vin 38V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
6
240
mV
30V Vin 36V, Io=500mA, Tj=25 :
-
12
480
Vin=33V, 5mA Io 1.5A, Tj=25 :
VO
(Load Regulation)
-
4
240
mV
Vin=33V, 250mA Io 750mA, Tj=25 :
I
Q
-
4.6
8.0
mA
Vin=33V, Io=500mA, Tj=25 :
-
-
0.5
Vin=33V, 5mA Io 1A
I
Q
-
-
1.0
mA
27V Vin 38V, Io=500mA
Vn
-
170
-
V
10Hz f 100KHz, Tj=25 :
RR
50
-
-
dB
28V Vin 38V, f=120Hz, Tj=25 :
VD
-
2.0
-
V
I
o=1A, Tj=25 :
I
sc
-
150
-
mA
Vin=33V, Tj=25 :
I
pk
-
2.1
-
A
Tj=25 :
Vo / Tj
-
-1.5
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
Typical Application
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Similar Part No. - GU7818A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GU7818A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com