Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GU7915 Datasheet(PDF) 5 Page - GTM CORPORATION

Part # GU7915
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GU7915 Datasheet(HTML) 5 Page - GTM CORPORATION

  GU7915 Datasheet HTML 1Page - GTM CORPORATION GU7915 Datasheet HTML 2Page - GTM CORPORATION GU7915 Datasheet HTML 3Page - GTM CORPORATION GU7915 Datasheet HTML 4Page - GTM CORPORATION GU7915 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GU79XX
Page: 5/5
ISSUED DATE :2006/01/10
REVISED DATE :
GU7918 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-27V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-17.46
-18.0
-18.54
VO
B-Rank (5%)
-17.10
-
-18.9
V
Vin=-27V, Io=500mA, , Tj=25 :
-21V Vin -33V, 5mA Io 1A, PD 15W
-
15
360
-21V Vin -33V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
8
180
mV
-24V Vin -30V, Io=500mA, Tj=25 :
-
15
360
Vin=-27V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
5
180
mV
Vin=-27V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-27V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-27V, 5mA Io 1A
I
Q
-
-
1.0
mA
-21V Vin -33V, Io=500mA
Vn
-
300
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-22V Vin -32V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 : Tj 125 :
GU7924 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-33V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-23.28
-24.0
-24.72
VO
B-Rank (5%)
-22.80
-
-25.20
V
Vin=-33V, Io=500mA, Tj=25 :
-27V Vin -38V, 5mA Io 1A, PD 15W
-
15
480
-27V Vin -38V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
8
240
mV
-30V Vin -36V, Io=500mA, Tj=25 :
-
15
480
Vin=-33V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
5
240
mV
Vin=-33V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-33V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-33V, 5mA Io 1A
I
Q
-
-
1.0
mA
-27V Vin -38V, Io=500mA
Vn
-
400
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-28V Vin -38V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
Typical Application
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GU79XX


Similar Part No. - GU7915

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GU7915A GTM-GU7915A Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - GU7915

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XX GTM-GJ79XX Datasheet
159Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79L005 TOSHIBA-TA79L005 Datasheet
498Kb / 15P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
TA79L05F TOSHIBA-TA79L05F Datasheet
509Kb / 15P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GI79XX GTM-GI79XX Datasheet
162Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com