Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2755E+T Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2755E+T
Description  High-Accuracy Battery Fuel Gauge with Snapshot
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2755E+T Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2755E+T Datasheet HTML 6Page - Dallas Semiconductor DS2755E+T Datasheet HTML 7Page - Dallas Semiconductor DS2755E+T Datasheet HTML 8Page - Dallas Semiconductor DS2755E+T Datasheet HTML 9Page - Dallas Semiconductor DS2755E+T Datasheet HTML 10Page - Dallas Semiconductor DS2755E+T Datasheet HTML 11Page - Dallas Semiconductor DS2755E+T Datasheet HTML 12Page - Dallas Semiconductor DS2755E+T Datasheet HTML 13Page - Dallas Semiconductor DS2755E+T Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS2755: High-Accuracy Battery Fuel Gauge with Snapshot
10 of 20
Figure 9. INTERRUPT THRESHOLD REGISTER FORMATS
Current Accumulator Interrupt High Threshold
MSB—Address 80
LSB—Address 81
S
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
MSb
LSb
Units: 6.25
μVhrs
Current Accumulator Interrupt Low Threshold
MSB—Address 82
LSB—Address 83
S
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
MSb
LSb
Units: 6.25
μVhrs
Temperature Interrupt High Threshold
Address 84
S
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
Units: 1.0°C
Temperature Alarm Low Threshold
Address 85
S
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
Units: 1.0°C
SNAPSHOT MODE
Measurement of the current and voltage can be synchronized to a system event with the Snapshot mode.
Triggering a Snapshot event causes the ADC to abandon the current conversion and capture one current and one
voltage sample. The Snapshot results are reported in the Current and Voltage registers for retrieval by the host.
Normal current, voltage and temperature measurements and current accumulation resume immediately following a
Snapshot event, though the Snapshot current and voltage values persist until the host system writes the SNAP bit
in the Special Function Register to a 0. Since the snapshot mode disrupts the continuity of the coulomb counting
process, it should be used sparingly.
The Sync Function Command [D2h] signals the ADC control to expect a Snapshot trigger on DQ. Following the
Sync command, the host can trigger a Snapshot event by toggling the DQ line. Synchronization occurs on the


Similar Part No. - DS2755E+T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS275 DALLAS-DS275 Datasheet
126Kb / 8P
   Line-Powered RS-232 Transceiver Chip
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751 Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
DS2751 MAXIM-DS2751 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751++ MAXIM-DS2751+ Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
DS2751+025 MAXIM-DS2751+025 Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
More results

Similar Description - DS2755E+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2756 MAXIM-DS2756_09 Datasheet
368Kb / 27P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
DS2756 MAXIM-DS2756 Datasheet
300Kb / 26P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com