Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQA0009SXTL-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RQA0009SXTL-E
Description  Silicon N-Channel MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0009SXTL-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  RQA0009SXTL-E Datasheet HTML 1Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 2Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 3Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 4Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 5Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 6Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 7Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 8Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RQA0009SXAQS
REJ03G1566-0100 Rev.1.00 Jul 04, 2007
Page 5 of 12
Frequency f (MHz)
450
470
490
510
530
550
Power Gain, Power Added Efficiency
vs. Frequency
Input Return Loss vs. Frequency
470
490
510
530
550
Frequency f (MHz)
450
Idling Current IDQ (A)
0
0.1
0.2
0.3
0.5
0.4
Power Gain, Power Added Efficiency
vs. Idling Current
VDS = 6 V
f = 520 MHz
Pin = 25 dBm
0
5
20
15
10
60
65
80
75
70
Power Gain, Power Added Efficiency,
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
0
10
20
30
50
IDQ = 180 mA
f = 520 MHz
Pin = 25 dBm
70
15
5
60
56
7
8
9
PG
PAE
3
Power Gain, Power Added Efficiency
vs. Input Power
Input Power Pin (dBm)
Output Power, Drain Current
vs. Input Power
Input Power Pin (dBm)
0
40
80
20
60
0
10
20
5
15
PG
PAE
VDS = 6 V
IDQ = 180 mA
Pin = 25 dBm
PG
PAE
VDS = 6 V
IDQ = 180 mA
Pin = 25 dBm
-20
-15
-5
-10
0
4
40
PAE
PG
0
5
10
20
25
0
20
40
60
80
0
5
15
30
10
20
VDS = 6 V
f = 520 MHz
IDQ = 180 mA
15
100
0
10
15
25
40
0
0.6
1.2
1.4
0
5
15
30
10
20
20
0.8
0.2
VDS = 6 V
f = 520 MHz
IDQ = 180 mA
ID
Pout
5
30
35
0.4
1.0
1.6
25
25


Similar Part No. - RQA0009SXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0009SXAQS RENESAS-RQA0009SXAQS_11 Datasheet
223Kb / 22P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0009SXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com