Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQG1003UQAQF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RQG1003UQAQF
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1003UQAQF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RQG1003UQAQF Datasheet HTML 6Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 7Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 8Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 9Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 10Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 11Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 12Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 13Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
RQG1003UQAQF
REJ03G1538-0100 Rev.1.00 Jul 20, 2007
Page 10 of 16
S Parameter
(VCE = 2 V, IC = 5 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG(deg.)
MAG
ANG(deg.)
MAG
ANG(deg.)
MAG
ANG(deg.)
100
0.924
-8.2
14.62
172.4
0.0099
95.9
0.974
-5.4
200
0.914
-15.8
14.43
165.5
0.0130
75.7
0.980
-9.9
300
0.891
-23.5
14.11
159.0
0.0191
79.3
0.959
-14.4
400
0.869
-31.3
13.76
152.9
0.0260
72.2
0.932
-18.9
500
0.841
-38.8
13.40
147.2
0.0304
66.8
0.901
-23.1
600
0.812
-46.1
12.99
141.7
0.0359
62.2
0.867
-26.9
700
0.782
-52.8
12.44
136.6
0.0401
59.6
0.831
-30.6
800
0.750
-59.6
12.00
131.6
0.0438
55.7
0.794
-33.8
900
0.718
-66.7
11.63
127.1
0.0465
55.1
0.758
-36.6
1000
0.686
-73.0
11.14
122.5
0.0499
52.2
0.723
-39.3
1100
0.657
-79.0
10.66
118.4
0.0521
48.3
0.692
-41.7
1200
0.626
-85.3
10.25
114.2
0.0552
46.8
0.659
-44.0
1300
0.600
-91.0
9.79
110.4
0.0572
45.4
0.630
-46.0
1400
0.577
-96.5
9.36
106.9
0.0596
44.0
0.603
-48.0
1500
0.555
-102.0
8.98
103.6
0.0606
42.4
0.576
-49.8
1600
0.534
-107.4
8.61
100.3
0.0624
41.6
0.551
-51.3
1700
0.516
-112.6
8.25
97.3
0.0644
39.9
0.527
-52.9
1800
0.501
-117.6
7.91
94.4
0.0661
38.9
0.506
-54.3
1900
0.487
-122.6
7.60
91.6
0.0664
37.9
0.486
-55.8
2000
0.474
-127.4
7.31
88.9
0.0684
36.9
0.467
-57.2
2200
0.455
-136.6
6.77
83.8
0.0711
35.6
0.432
-59.8
2400
0.441
-145.5
6.29
79.0
0.0732
34.7
0.402
-62.3
2600
0.430
-153.9
5.88
74.5
0.0753
33.4
0.374
-64.9
2800
0.424
-161.7
5.51
70.3
0.0783
32.9
0.349
-67.4
3000
0.422
-169.0
5.17
66.2
0.0802
31.6
0.326
-70.0
3200
0.422
-175.9
4.87
62.2
0.0825
30.7
0.306
-72.8
3400
0.423
177.7
4.60
58.4
0.0853
30.1
0.286
-75.7
3600
0.424
171.7
4.35
54.7
0.0875
29.6
0.269
-78.2
3800
0.427
166.5
4.13
51.3
0.0892
29.2
0.253
-81.2
4000
0.434
161.3
3.93
47.8
0.0927
28.5
0.241
-84.6
4200
0.440
156.4
3.75
44.4
0.0957
27.7
0.228
-88.4
4400
0.446
151.9
3.58
41.0
0.0985
26.9
0.216
-92.3
4600
0.454
147.6
3.43
37.7
0.1015
25.8
0.205
-96.1
4800
0.460
143.5
3.29
34.4
0.1047
24.6
0.195
-100.3
5000
0.467
139.3
3.16
31.2
0.1073
23.6
0.185
-104.8
5200
0.475
135.6
3.04
28.0
0.1102
22.8
0.176
-109.6
5400
0.481
131.9
2.93
24.8
0.1138
21.3
0.168
-114.9
5600
0.489
128.3
2.82
21.7
0.1171
20.5
0.161
-120.1
5800
0.497
124.7
2.72
18.5
0.1201
18.8
0.154
-125.8
6000
0.504
121.4
2.63
15.4
0.1242
17.9
0.148
-132.1


Similar Part No. - RQG1003UQAQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQG1001UP-TL-E RENESAS-RQG1001UP-TL-E Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UP-TL-E RENESAS-RQG1004UP-TL-E Datasheet
283Kb / 19P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UPAQL RENESAS-RQG1004UPAQL Datasheet
283Kb / 19P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
More results

Similar Description - RQG1003UQAQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UPAQL RENESAS-RQG1004UPAQL Datasheet
283Kb / 19P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
   NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA810T RENESAS-UPA810T Datasheet
223Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC3355 NEC-2SC3355 Datasheet
102Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA802T RENESAS-UPA802T Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA811T RENESAS-UPA811T Datasheet
219Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com