Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJLC1V5 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJLC1V5
Description  SINGLE AND DUAL LOW CAPACITANCE ESD / TRANSIENT PROTECTOR FOR 1.5 V SYSTEMS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJLC1V5 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJLC1V5 Datasheet HTML 1Page - Pan Jit International Inc. PJLC1V5 Datasheet HTML 2Page - Pan Jit International Inc. PJLC1V5 Datasheet HTML 3Page - Pan Jit International Inc. PJLC1V5 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.panjit.com
PJLC1V5, 1V5D
7/21/2006
Page 3
12
3 (GND)
DATA LINE 1
DATA LINE 2
1.2-1.5V
0
PJLC1V5D
12
3 (GND)
DATA LINE 1
DATA LINE 2
1.2-1.5V
0
PJLC1V5D
TYPICAL APPLICATION INFORMATION
ESD Protection for two Data Lines
0
12
3 (GND)
DATA LINE 1
DATA LINE 2
1.2-1.5V
PJLC1V5D
12
PJLC1V5D
DATA LINE 3
DATA LINE 4
0
12
3 (GND)
DATA LINE 1
DATA LINE 2
1.2-1.5V
PJLC1V5D
12
PJLC1V5D
DATA LINE 3
DATA LINE 4
12
3 (GND)
DATA LINE 1
DATA LINE 2
1.2-1.5V
1.2-1.5V
PJLC1V5D
12
PJLC1V5D
DATA LINE 3
DATA LINE 4
0
ESD Protection for Four Data Lines


Similar Part No. - PJLC1V5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
180Kb / 4P
   LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
More results

Similar Description - PJLC1V5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
180Kb / 4P
   LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
logo
First Silicon Co., Ltd
FTV05CAE FS-FTV05CAE Datasheet
387Kb / 4P
   Low Capacitance ESD Protector
logo
GOOD-ARK Electronics
SESLC3V3D323-2U GOOD-ARK-SESLC3V3D323-2U Datasheet
1Mb / 3P
   Low Capacitance ESD Protector
logo
Pan Jit International I...
PJCLAMP0502Q PANJIT-PJCLAMP0502Q Datasheet
48Kb / 3P
   DUAL ULTRA LOW CAPACITANCE ESD PROTECTOR ARRAY
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
82Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
logo
GOOD-ARK Electronics
SES5VSC70-6U GOOD-ARK-SES5VSC70-6U Datasheet
605Kb / 6P
   Low Capacitance ESD Protector Array
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5_10 Datasheet
329Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
logo
Pan Jit International I...
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Pan Jit International I...
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com