Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48H32M16LFCM-75LIT Datasheet(PDF) 10 Page - Micron Technology

Part # MT48H32M16LFCM-75LIT
Description  512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48H32M16LFCM-75LIT Datasheet(HTML) 10 Page - Micron Technology

Back Button MT48H32M16LFCM-75LIT Datasheet HTML 6Page - Micron Technology MT48H32M16LFCM-75LIT Datasheet HTML 7Page - Micron Technology MT48H32M16LFCM-75LIT Datasheet HTML 8Page - Micron Technology MT48H32M16LFCM-75LIT Datasheet HTML 9Page - Micron Technology MT48H32M16LFCM-75LIT Datasheet HTML 10Page - Micron Technology MT48H32M16LFCM-75LIT Datasheet HTML 11Page - Micron Technology MT48H32M16LFCM-75LIT Datasheet HTML 12Page - Micron Technology MT48H32M16LFCM-75LIT Datasheet HTML 13Page - Micron Technology MT48H32M16LFCM-75LIT Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
PDF: 09005aef81ca5de4/Source: 09005aef81ca5e03
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT48H32M16LF_1.fm - Rev. H 6/07 EN
10
©2005 Micron Technology, Inc. All rights reserved.
512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
Ball Descriptions
Ball Descriptions
Table 3:
VFBGA Ball Descriptions
54-Ball VFBGA
90-Ball VFBGA
Symbol
Type
Description
F2
J1
CLK
Input
Clock: CLK is driven by the system clock. All SDRAM input signals
are sampled on the positive edge of CLK. CLK also increments
the internal burst counter and controls the output registers.
F3
J2
CKE
Input
Clock enable: CKE activates (HIGH) and deactivates (LOW) the
CLK signal. Deactivating the clock provides precharge power-
down and SELF REFRESH operation (all banks idle), active power-
down (row active in any bank), deep power-down (all banks
idle), or CLOCK SUSPEND operation (burst/access in progress).
CKE is synchronous except after the device enters power-down
and self refresh modes, where CKE becomes asynchronous until
after exiting the same mode. The input buffers, including CLK,
are disabled during power-down and self refresh modes,
providing low standby power.
G9
J8
CS#
Input
Chip select: CS# enables (registered LOW) and disables
(registered HIGH) the command decoder. All commands are
masked when CS# is registered HIGH. CS# provides for external
bank selection on systems with multiple banks. CS# is considered
part of the command code.
F7, F8, F9
J9, K7, K8
CAS#,
RAS#, WE#
Input
Command inputs: RAS#, CAS#, and WE# (along with CS#) define
the command being entered.
E8, F1
K9, K1, F8, F2
DQM0–3,
LDQM,
UDQM
Input
Input/Output mask: DQM is sampled HIGH and is an input mask
signal for write accesses and an output enable signal for read
accesses. Input data is masked during a WRITE cycle. The output
buffers are placed in a High-Z state (two-clock latency) during a
READ cycle. For the x16, LDQM corresponds to DQ0–DQ7 and
HDQM corresponds to DQ8–DQ16. For the x32, DQM0
corresponds to DQ0–DQ7, DQM1 corresponds to DQ8–DQ15,
DQM2 corresponds to DQ16–DQ23, and DQM3 corresponds to
DQ24–DQ31. DQM0–3 (or LDQM and HDQM if x16) are
considered same state when referenced as DQM.
G7, G8
J7, H8
BA0, BA1
Input
Bank address input(s): BA0 and BA1 define to which bank the
ACTIVE, READ, WRITE, or PRECHARGE command is being
applied. BA0 and BA1 become “don’t care” when registering an
ALL BANK PRECHARGE (A10 HIGH).
H7, H8, J8, J7,
J3, J2, H3, H2,
H1, G3, H9, G2,
G1
G8, G9, F7, F3,
G1, G2, G3, H1,
H2, J3, G7, H9,
H3
A0–A12
Input
Address inputs: A0–A12 are sampled during the ACTIVE
command (row-address A0–A12) and READ/WRITE command
[column-address A0–A8 (x32); column-address A0–A9 (x16); with
A10 defining auto precharge] to select one location out of the
memory array in the respective bank. A10 is sampled during a
PRECHARGE command to determine if all banks are to be
precharged (A10 HIGH) or bank selected by BA0, BA1. The
address inputs also provide the op-code during a LOAD MODE
REGISTER command.
H7
A13/NC
Input
H7 is used for the LG, reduced page-size, option (see Table 1 on
page 1); otherwise, leave as NC.


Similar Part No. - MT48H32M16LFCM-75LIT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H16M16LF MICRON-MT48H16M16LF Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75G MICRON-MT48H16M16LFB5-75G Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75ITG MICRON-MT48H16M16LFB5-75ITG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75LG MICRON-MT48H16M16LFB5-75LG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75LITG MICRON-MT48H16M16LFB5-75LITG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
More results

Similar Description - MT48H32M16LFCM-75LIT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H8M32LF MICRON-MT48H8M32LF Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
logo
Austin Semiconductor
AS4SD32M16 AUSTIN-AS4SD32M16 Datasheet
1Mb / 52P
   512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Micron Technology
MT46H16M16LFBF-6ITH MICRON-MT46H16M16LFBF-6ITH Datasheet
3Mb / 79P
   Mobile DDR SDRAM MT46H16M16LF ??4 Meg x 16 x 4 banks MT46H8M32LF/LG ??2 Meg x 32 x 4 banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J128M16HA-15EDTR MICRON-MT41J128M16HA-15EDTR Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com