Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6014DPK Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK6014DPK
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6014DPK Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK6014DPK Datasheet HTML 1Page - Renesas Technology Corp RJK6014DPK Datasheet HTML 2Page - Renesas Technology Corp RJK6014DPK Datasheet HTML 3Page - Renesas Technology Corp RJK6014DPK Datasheet HTML 4Page - Renesas Technology Corp RJK6014DPK Datasheet HTML 5Page - Renesas Technology Corp RJK6014DPK Datasheet HTML 6Page - Renesas Technology Corp RJK6014DPK Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK6014DPK
REJ03G1517-0200 Rev.2.00 Jun 04, 2007
Page 3 of 6
Main Characteristics
400
300
200
100
0
50
100
150
200
20
16
12
8
4
0
4
8
12
16
20
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
1
30
100
3
10
300
1000
0.2
0.1
0.05
1
0.5
0.02
0.01
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
VGS = 10 V
Pulse Test
100
10
1
110
1000
0.01
0.1
1000
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
100
2.0
1.6
1.2
0.8
0.4
−25
0
25
50
75
100 125
150
0
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
VGS = 10 V
Pulse Test
02
46
8
10
20
50
10
1
2
5
0.2
0.5
0.1
100
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
−25°C
4 A
0.001
0.1
Ta = 25
°C
10
µs
100
µs
Operation in this
area is limited by
R
DS(on)
PW = 10 ms
(1shot)
DC Operation
(Tc = 25
°C)
Pulse Test
6 V
7 V
5.2 V
5.4 V
5.6 V
5.8 V
VGS = 5 V
10 V
ID = 8 A


Similar Part No. - RJK6014DPK

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RJK6014DPK ISC-RJK6014DPK Datasheet
270Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
RJK6014DPK RENESAS-RJK6014DPK_15 Datasheet
128Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK6014DPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com