Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48H16M32LFCM-8L Datasheet(PDF) 7 Page - Micron Technology

Part # MT48H16M32LFCM-8L
Description  512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48H16M32LFCM-8L Datasheet(HTML) 7 Page - Micron Technology

Back Button MT48H16M32LFCM-8L Datasheet HTML 3Page - Micron Technology MT48H16M32LFCM-8L Datasheet HTML 4Page - Micron Technology MT48H16M32LFCM-8L Datasheet HTML 5Page - Micron Technology MT48H16M32LFCM-8L Datasheet HTML 6Page - Micron Technology MT48H16M32LFCM-8L Datasheet HTML 7Page - Micron Technology MT48H16M32LFCM-8L Datasheet HTML 8Page - Micron Technology MT48H16M32LFCM-8L Datasheet HTML 9Page - Micron Technology MT48H16M32LFCM-8L Datasheet HTML 10Page - Micron Technology MT48H16M32LFCM-8L Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
PDF: 09005aef81ca5de4/Source: 09005aef81ca5e03
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT48H32M16LF_1.fm - Rev. H 6/07 EN
7
©2005 Micron Technology, Inc. All rights reserved.
512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
Functional Block Diagrams
Figure 3:
16 Meg x 32 SDRAM
0
0
0
0
1
1
1
0
2
1
1
3
BA1
BA0
Bank
13
RAS#
CAS#
ROW-
ADDRESS
MUX
CLK
CS#
WE#
CKE
CONTROL
LOGIC
COLUMN-
ADDRESS
COUNTER/
LATCH
MODE REGISTER
9
A0–A12,
BA0, BA1
DQM0–3
13
ADDRESS
REGISTER
15
512
(x32)
16,384
I/O GATING
DQM MASK LOGIC
READ DATA LATCH
WRITE DRIVERS
COLUMN
DECODER
BANK0
MEMORY
ARRAY
(8,192 x 512 x 32)
BANK0
ROW-
ADDRESS
LATCH
AND
DECODER
8,192
SENSE AMPLIFIERS
BANK
CONTROL
LOGIC
DQ0–
DQ31
32
32
32
13
BANK1
BANK2
BANK3
13
9
2
4
4
2
REFRESH
COUNTER
EXT MODE
REGISTER
DATA
INPUT
REGISTER
DATA
OUTPUT
REGISTER


Similar Part No. - MT48H16M32LFCM-8L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H16M16LF MICRON-MT48H16M16LF Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75G MICRON-MT48H16M16LFB5-75G Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75ITG MICRON-MT48H16M16LFB5-75ITG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75LG MICRON-MT48H16M16LFB5-75LG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75LITG MICRON-MT48H16M16LFB5-75LITG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
More results

Similar Description - MT48H16M32LFCM-8L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H8M32LF MICRON-MT48H8M32LF Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
logo
Austin Semiconductor
AS4SD32M16 AUSTIN-AS4SD32M16 Datasheet
1Mb / 52P
   512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Micron Technology
MT46H16M16LFBF-6ITH MICRON-MT46H16M16LFBF-6ITH Datasheet
3Mb / 79P
   Mobile DDR SDRAM MT46H16M16LF ??4 Meg x 16 x 4 banks MT46H8M32LF/LG ??2 Meg x 32 x 4 banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J128M16HA-15EDTR MICRON-MT41J128M16HA-15EDTR Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com