Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0U1BB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD5V0U1BB
Description  Ultra low capacitance bidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0U1BB Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V0U1BB Datasheet HTML 1Page - NXP Semiconductors PESD5V0U1BB Datasheet HTML 2Page - NXP Semiconductors PESD5V0U1BB Datasheet HTML 3Page - NXP Semiconductors PESD5V0U1BB Datasheet HTML 4Page - NXP Semiconductors PESD5V0U1BB Datasheet HTML 5Page - NXP Semiconductors PESD5V0U1BB Datasheet HTML 6Page - NXP Semiconductors PESD5V0U1BB Datasheet HTML 7Page - NXP Semiconductors PESD5V0U1BB Datasheet HTML 8Page - NXP Semiconductors PESD5V0U1BB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESD5V0U1BA_BB_BL_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 25 April 2007
4 of 12
NXP Semiconductors
PESD5V0U1BA/BB/BL
Ultra low capacitance bidirectional ESD protection diodes
6.
Characteristics
Table 9.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
5
V
IRM
reverse leakage current
VRWM = 5 V
-
5
100
nA
VBR
breakdown voltage
IR = 5 mA
5.5
7
9.5
V
Cd
diode capacitance
f=1MHz
VR = 0 V
-
2.9
3.5
pF
VR = 5 V
-
1.9
-
pF
rdif
differential resistance
IR = 1 mA
-
-
100
f = 1 MHz; Tamb =25 °C
Fig 2.
Diode capacitance as a function of reverse
voltage; typical values
Fig 3.
V-I characteristics for a bidirectional ESD
protection diode
VR (V)
05
4
23
1
006aab036
2.2
2.6
3.0
Cd
(pF)
1.8
006aaa676
−VCL −VBR −VRWM
VCL
VBR
VRWM
−IRM
IRM
−IR
IR
−IPP
IPP
+


Similar Part No. - PESD5V0U1BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U1BB PHILIPS-PESD5V0U1BB Datasheet
87Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-25 April 2007
logo
Nexperia B.V. All right...
PESD5V0U1BB NEXPERIA-PESD5V0U1BB Datasheet
194Kb / 10P
   Low capacitance bidirectional ESD protection diode
1 April 2023
logo
Guangdong Youtai Semico...
PESD5V0U1BB UMW-PESD5V0U1BB Datasheet
301Kb / 5P
   Ultra low capacitance bidirectional ElectroStatic
logo
Nexperia B.V. All right...
PESD5V0U1BB-Q NEXPERIA-PESD5V0U1BB-Q Datasheet
197Kb / 10P
   Low capacitance bidirectional ESD protection diode
4 May 2022
More results

Similar Description - PESD5V0U1BB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
logo
NXP Semiconductors
PESD5V0X1BT NXP-PESD5V0X1BT Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
PESD5V0X1BL NXP-PESD5V0X1BL Datasheet
77Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-4 November 2008
PESD5V0U1BA PHILIPS-PESD5V0U1BA Datasheet
87Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-25 April 2007
PESD5V0X1BQ-115 PHILIPS-PESD5V0X1BQ-115 Datasheet
91Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com