Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48H16M32LFCJ-8L Datasheet(PDF) 1 Page - Micron Technology

Part # MT48H16M32LFCJ-8L
Description  512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48H16M32LFCJ-8L Datasheet(HTML) 1 Page - Micron Technology

  MT48H16M32LFCJ-8L Datasheet HTML 1Page - Micron Technology MT48H16M32LFCJ-8L Datasheet HTML 2Page - Micron Technology MT48H16M32LFCJ-8L Datasheet HTML 3Page - Micron Technology MT48H16M32LFCJ-8L Datasheet HTML 4Page - Micron Technology MT48H16M32LFCJ-8L Datasheet HTML 5Page - Micron Technology MT48H16M32LFCJ-8L Datasheet HTML 6Page - Micron Technology MT48H16M32LFCJ-8L Datasheet HTML 7Page - Micron Technology MT48H16M32LFCJ-8L Datasheet HTML 8Page - Micron Technology MT48H16M32LFCJ-8L Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
Features
PDF: 09005aef81ca5de4/Source: 09005aef81ca5e03
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT48H32M16LF_1.fm - Rev. H 6/07 EN
1
©2005 Micron Technology, Inc. All rights reserved.
Mobile SDRAM
MT48H32M16LF – 8 Meg x 16 x 4 banks
MT48H16M32LF/LG – 4 Meg x 32 x 4 banks
Features
• Endur-IC™ technology
• Fully synchronous; all signals registered on positive
edge of system clock
•VDD = 1.7–1.95V; VDDQ = 1.7–1.95V
• Internal, pipelined operation; column address can
be changed every clock cycle
• Four internal banks for concurrent operation
• Programmable burst lengths: 1, 2, 4, 8, and
continuous1
• Auto precharge, includes concurrent auto precharge
• Auto refresh and self refresh modes
• LVTTL-compatible inputs and outputs
• On-chip temperature sensor to control refresh rate
• Partial-array self refresh (PASR)
• Deep power-down (DPD)
• Selectable output drive (DS)
Table 1:
Configuration Addressing
DQ Bus
Width
Architecture
JEDEC-
Standard
Option
Reduced
Page-Size
Option2
Number of banks
4
4
Bank address balls
BA0, BA1
BA0, BA1
x16
Row address balls
A0–A12
Column address balls
A0–A9
x32
Row address balls
A0–A12
A0–A13
Column address balls
A0–A8
A0–A7
Table 2:
Key Timing Parameters
CL = CAS (READ) latency
Speed
Grade
Clock Rate (MHz)
Access Time
CL = 2
CL = 3
CL = 2
CL = 3
-75
104
133
9ns
6ns
-8
100
125
9ns
7ns
Notes: 1. For continuous page burst, contact factory
for availability.
2. For reduced page-size option, contact fac-
tory for availability.
3. LG is a reduced page-size option. Contact
factory for availability.
4. Only available for x32 configuration.
5. Only available for x16 configuration.
Options
Marking
•VDD/VDDQ
– 1.8V/1.8V
H
•Row size option
– Standard addressing option
LF
– Reduced page-size option
LG3, 4
• Configuration
– 32 Meg x 16 (8 Meg x 16 x 4 banks)
32M16
– 16 Meg x 32 (4 Meg x 32 x 4 banks)
16M32
• Plastic “green” packages
– 54-Ball VFBGA (10mm x 11.5mm)
CJ5
– 90-Ball VFBGA (10mm x 13mm)
CM3
• Timing – cycle time
– 7.5ns at CL = 3
-75
– 8ns at CL = 3
-8
•Power
–Standard IDD2P/IDD7None
–Low IDD2P/IDD7L
• Operating temperature range
– Commercial (0°C to +70°C)
None
– Industrial (–40°C to +85°C)
IT
•Design revision
:A


Similar Part No. - MT48H16M32LFCJ-8L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H16M16LF MICRON-MT48H16M16LF Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75G MICRON-MT48H16M16LFB5-75G Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75ITG MICRON-MT48H16M16LFB5-75ITG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75LG MICRON-MT48H16M16LFB5-75LG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75LITG MICRON-MT48H16M16LFB5-75LITG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
More results

Similar Description - MT48H16M32LFCJ-8L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H8M32LF MICRON-MT48H8M32LF Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
logo
Austin Semiconductor
AS4SD32M16 AUSTIN-AS4SD32M16 Datasheet
1Mb / 52P
   512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Micron Technology
MT46H16M16LFBF-6ITH MICRON-MT46H16M16LFBF-6ITH Datasheet
3Mb / 79P
   Mobile DDR SDRAM MT46H16M16LF ??4 Meg x 16 x 4 banks MT46H8M32LF/LG ??2 Meg x 32 x 4 banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J128M16HA-15EDTR MICRON-MT41J128M16HA-15EDTR Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com