Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC923L0YIZ Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC923L0YIZ
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L0YIZ Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC923L0YIZ Datasheet HTML 6Page - Sharp Corporation PC923L0YIZ Datasheet HTML 7Page - Sharp Corporation PC923L0YIZ Datasheet HTML 8Page - Sharp Corporation PC923L0YIZ Datasheet HTML 9Page - Sharp Corporation PC923L0YIZ Datasheet HTML 10Page - Sharp Corporation PC923L0YIZ Datasheet HTML 11Page - Sharp Corporation PC923L0YIZ Datasheet HTML 12Page - Sharp Corporation PC923L0YIZ Datasheet HTML 13Page - Sharp Corporation PC923L0YIZ Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Sheet No.: D2-A06001EN
10
PC923L0NSZ Series
Fig.16 O1 Low Level Output Voltage vs.
Ambient Temperature
Fig.17 O2 Output Voltage Drop vs.
O2 Output Current
Fig.20 O2 Low Level Output Voltage vs.
O2 Output Current
Fig.21 O2 Low Level Output Voltage vs.
Ambient Temperature
Fig.18 O2 High Level Output Voltage vs.
Supply Voltage
Fig.19 O2 High Level Output Voltage vs.
Ambient Temperature
−40
−20
0
20
40
60
80
100
0.3
0.25
0.2
0.15
0.1
0.05
0
Ambient temperature Ta (
°C)
VCC1
=12V
VCC2
=−12V
IF
=5mA
IO2
=0.1A
Ambient temperature Ta (
°C)
−40
−20
0
20
40
60
80
100
20
21
22
23
24
VCC
=24V
IF
=5mA
IO2
=nearly 0A
IO2
=−0.1A
3
2
1
0
0.0
0.3
0.1
0.2
0.6
0.4
0.5
O2 output current IO2 (A)
Ta
=25°C
VCC
=VO1=24V
IF
=0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−40
−20
0
20
40
60
80
100
Ambient temperature Ta (˚C)
VCC
=24V
IF
=0
IO2
=0.1A
Supply voltage VCC (V)
15
18
21
24
27
30
12
15
18
21
24
27
30
Ta
=25°C
IF
=5mA
0
−5
−4
−3
−2
−1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
O2 output current IO2 (A)
Ta
=25°C
VCC
=VO1=24V
IF
=5mA


Similar Part No. - PC923L0YIZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
   High Speed Photocoupler for MOS-FET / IGBT Drive
PC923X SHARP-PC923X Datasheet
46Kb / 3P
   OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
50Kb / 3P
   High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
   High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
More results

Similar Description - PC923L0YIZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
   High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
   High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
   High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
   High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC942J00000F SHARP-PC942J00000F Datasheet
281Kb / 17P
   High Power, Gate Drive type DIP 8 pin ?뾑PIC Photocoupler
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Sharp Corporation
PC925L0NSZ0F SHARP-PC925L0NSZ0F Datasheet
274Kb / 10P
   High Speed, 2.5A Output, Gate Drive DIP 8 pin
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com