Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM93352VCM Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM93352VCM
Description  QAMLINK??SINGLE-CHIP 4-CHANNEL VOIP BROADBAND GATEWAY IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM93352VCM Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM93352VCM Datasheet HTML 1Page - Broadcom Corporation. BCM93352VCM Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100 MHz R3000
MIPS Core
with MIPS32
Extensions
140MHz 16-bit
Dual MAC
DSP Core
iLine32
MAC
USB 1.1
MAC
Enhanced
DOCSIS/
EuroDOCSIS 1.1
MAC
with BPI+
QPSK/16QAM
Upstream
Modulator
with 10bit D/A
64/256QAM
Downstream
Demodulator
with 10bit A/D
16-bit
External Bus
Interface
Timers
Dual
UART
Interrupt
Control
USB 1.1
Transceiver
4 KB
I-Cache
4 KB
D-Cache
80K words
Program SRAM
48K words
Data SRAM
IPSec/HMAC/RC4
Encryption
Engine
DMA
Power
Management
Controller
PCM Hwy/
IOM-2
Interface
16/32-bit
SDRAM
Interface
Audio
Processor
& SLIC I/F
Voice AFE
with 14bit
A/D-D/A
GPIO
EEPROM
(Optional)
100 MHz
SDRAM
802.3u MII
802.3u
Twisted Pair
USB 1.1
Twisted Pair
0—65 MHz RF
Amp Ctl
36/44 MHz IF
Tuner Ctl
Four-wire
Differential
Ch0
Ch1
Ch2
Ch3
Ch0
Ch1
Ch2
Ch3
PCM Hwy/
Peripheral Bus
LEDs/Misc
JTAG
Clock
Generation
Module
SLIC Control /
Hook Detect
SRAM
(Optional)
FLASH
EBI
Expansion
Internal
System
Bus
BCM3352
PB
Bridge
802.3u
Ethernet
MAC
HPNA 2.0
The Broadcom BCM3352 represents a new and unprecedented
level of integration for PacketCable Multimedia Terminal
Adapters (MTA.) The BCM3352 provides a unique solution for
low power and cost effective MTAs that can deliver primary line
VoIP cable telephony and broadband data services over phone
lines worldwide.
Key modules integrated in the BCM3352 include:
• Enhanced VoIP DOCSIS/EuroDOCSIS 1.0/1.1 based MAC
integrating a wirespeed DES encryption/decryption engine,
full DOCSIS/EuroDOCSIS 1.1 QoS, support for 16 SIDS in
the downstream, 256 multicast/and Unicast DA CAM,
16 independent DMA controlled upstream queues, as well as
extended network management MIB and diagnostic features.
• 200+ MIPS VoIP/FoIP DSP with patented PacketSync™
delivering four channels of compressed voice packets,
including G.711, G.726, G.729a/b/e, and G.728 Vocoders,
plus T.38 Fax Relay.
• Integrated iLine32™ HPNA 2.0 home phone line interface
that eliminates hundreds of dollars worth of additional
telephone and Ethernet wiring.
• High-performance 120 MIPS, 100-MHz MIPS32 processor
with a 4K two-way set associative I-cache and a 4K two-way
associative D-cache.
• Broadcom Propane™ software support for enhanced
bandwidth efficiency and turbo modem performance.
• Integrated 10/100 Ethernet MAC for support of small
business integrated access device applications.
• IPSec module with single-DES (CBC & ECB modes), triple-
DES (CBC & ECB modes), MD-5 and SHA authentication
in hardware, providing support for Virtual Private Networks
(VPNs).
• Integrated four-channel FlexiVoice™ Voice Codec with
individual line programmable filter coefficients, providing
optimum performance for both V.90 modem and voice
applications.
Ordering Information:
BCM93352V
Reference Design
BCM93352VCM
Reference Design
BCM3352
OVER VIEW
For more information please contact us at:
Phone: 949-450-8700, FAX: 949-450-8710
Email: info@broadcom.com
Visit our web site at: www.broadcom.com
© 2000 BROADCOM CORPORATION
3352-PB03-R-12.14.00
Broadcom
®, the pulse logo and QAMLink are registered trademarks of Broadcom Corporation
and/or its subsidiaries in the United States and certain other countries. iLine32, FlexiVoice,
Propane and PacketSync are trademarks of Broadcom Corporation.
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013


Similar Part No. - BCM93352VCM

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM93138 BOARDCOM-BCM93138 Datasheet
479Kb / 2P
   ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
BCM93212 BOARDCOM-BCM93212 Datasheet
437Kb / 2P
   DOCSIS/EuroDOCSIS 1.1 ADVANCED CABLE MODEM TERMINATION SYSTEM
BCM93212-E BOARDCOM-BCM93212-E Datasheet
437Kb / 2P
   DOCSIS/EuroDOCSIS 1.1 ADVANCED CABLE MODEM TERMINATION SYSTEM
BCM93740 BOARDCOM-BCM93740 Datasheet
551Kb / 2P
   ADVANCED 3D SET-TOP BOX DEVELOPMENT PLATFORM
More results

Similar Description - BCM93352VCM

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3300 BOARDCOM-BCM3300 Datasheet
128Kb / 2P
   BCM3300 QAMLINK SINGLE CHIP DOCSIS CABLE MODEM
BCM3341 BOARDCOM-BCM3341 Datasheet
156Kb / 2P
   SINGLE CHIP 2 LINE VOLP BROADBAND IC
BCM3345 BOARDCOM-BCM3345 Datasheet
152Kb / 1P
   QAMLINK HIGH PERFORMANCE SINGLE CHIP CABLE MODEM
logo
ON Semiconductor
LV8411GR ONSEMI-LV8411GR Datasheet
111Kb / 7P
   4-channel Single-chip Motor Driver IC
June, 2013
logo
Intersil Corporation
ISL6439 INTERSIL-ISL6439 Datasheet
296Kb / 15P
   Single Sync Buck PWM Controller for Broadband Gateway Applications
ISL6430 INTERSIL-ISL6430 Datasheet
400Kb / 12P
   Single Sync Buck PWM Controller for Broadband Gateway Applications
logo
Renesas Technology Corp
ISL6439 RENESAS-ISL6439 Datasheet
450Kb / 16P
   Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
logo
Broadcom Corporation.
BCM3250 BOARDCOM-BCM3250 Datasheet
158Kb / 2P
   QAMLINK ADVANCED SER-TOP BOX SINGLE-CHIP FRONT-END
logo
Microtune,Inc
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com