Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2212-SMYML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2212-SMYML
Description  Dual 關Cap LDO and Power-On Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2212-SMYML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2212-SMYML Datasheet HTML 2Page - Micrel Semiconductor MIC2212-SMYML Datasheet HTML 3Page - Micrel Semiconductor MIC2212-SMYML Datasheet HTML 4Page - Micrel Semiconductor MIC2212-SMYML Datasheet HTML 5Page - Micrel Semiconductor MIC2212-SMYML Datasheet HTML 6Page - Micrel Semiconductor MIC2212-SMYML Datasheet HTML 7Page - Micrel Semiconductor MIC2212-SMYML Datasheet HTML 8Page - Micrel Semiconductor MIC2212-SMYML Datasheet HTML 9Page - Micrel Semiconductor MIC2212-SMYML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
February 2006
9
M9999-022106
MIC2212
Micrel, Inc.
Functional Diagram
OUT1
OUT2
POR
GND
CBYP
SET
EN1
EN2
VIN
LDO1
LDO2
Reference
POR & Del ay
MIC2212 Fixed Voltage Block Diagram
Functional Description
The MIC2212 is a high performance, low quiescent current
power management IC consisting of two µCap low dropout
regulators, a power-on reset (POR) circuit and an open-drain
driver. The first regulator is capable of sourcing 150mA at
output voltages from 1.25V to 5V. The second regulator is
capable of sourcing 300mAof current at output voltages from
1.25V to 5V. The second regulator has a POR circuit that
monitors its output voltage and indicates when the output
voltage is within 5% of nominal. The POR offers a delay
time that is externally programmable with a single capacitor
to ground.
Enable 1 and 2
The enable inputs allow for logic control of both output
voltages with individual enable inputs. The enable input is
active high, requiring 1.8V for guaranteed operation. The
enable input is CMOS logic and cannot by left floating.
Power-On Reset (POR)
The power-on reset output is an open-drain N-Channel
device, requiring a pull-up resistor to either the input voltage
or output voltage for proper voltage levels. The POR output
has a delay time that is programmable with a capacitor from
the SET pin to ground. The delay time can be programmed
to be as long as 1 second.
The SET pin is a current source output that charges a
capacitor that sets the delay time for the power-on reset
output.Thecurrentsourceisa1µAcurrentsourcethatcharges
a capacitor up from 0V. When the capacitor reaches 1.25V,
the output of the POR is allowed to go high.
Input Capacitor
Good bypassing is recommended from input to ground to
help improve AC performance. A 1µF capacitor or greater
located close to the IC is recommended.
Bypass Capacitor
The internal reference voltage of the MIC2212 can be
bypassed with a capacitor to ground to reduce output noise
and increase power supply rejection (PSRR). A quick-
start feature allows for quick turn-on of the output voltage
regardless of the size of the capacitor. The recommended
nominal bypass capacitor is 0.01µF, but it can be increased
without limit.
Output Capacitor
Each regulator output requires a 1µF ceramic output capaci-
tor for stability. The output capacitor value can be increased
to improve transient response, but performance has been
optimized for a 1µF ceramic type output capacitor.
X7R/X5R dielectric-type ceramic capacitors are recom-
mendedbecauseoftheirtemperatureperformance.X7R-type
capacitors change capacitance by 15% over their operating
temperature range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change value
by as much as 50% and 60% respectively over their operat-
ing temperature ranges. To use a ceramic chip capacitor with
Y5V dielectric, the value must be much higher than a X7R
ceramic capacitor to ensure the same minimum capacitance
over the equivalent operating temperature range.


Similar Part No. - MIC2212-SMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2212-1.85BML MICREL-MIC2212-1.85BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-1.8BML MICREL-MIC2212-1.8BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.6BML MICREL-MIC2212-2.6BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.7BML MICREL-MIC2212-2.7BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.85BML MICREL-MIC2212-2.85BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
More results

Similar Description - MIC2212-SMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5249 MICREL-MIC5249_12 Datasheet
217Kb / 7P
   300mA 關Cap LDO with Programmable Power-On Reset Delay
MIC2212 MICREL-MIC2212 Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC2210 MICREL-MIC2210_06 Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com