Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM27C1024-55PI5 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM27C1024-55PI5
Description  1 Megabit (65 K x 16-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C1024-55PI5 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM27C1024-55PI5 Datasheet HTML 1Page - Advanced Micro Devices AM27C1024-55PI5 Datasheet HTML 2Page - Advanced Micro Devices AM27C1024-55PI5 Datasheet HTML 3Page - Advanced Micro Devices AM27C1024-55PI5 Datasheet HTML 4Page - Advanced Micro Devices AM27C1024-55PI5 Datasheet HTML 5Page - Advanced Micro Devices AM27C1024-55PI5 Datasheet HTML 6Page - Advanced Micro Devices AM27C1024-55PI5 Datasheet HTML 7Page - Advanced Micro Devices AM27C1024-55PI5 Datasheet HTML 8Page - Advanced Micro Devices AM27C1024-55PI5 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FINAL
Publication# 06780
Rev: J Amendment/0
Issue Date: May 1998
Am27C1024
1 Megabit (65 K x 16-Bit) CMOS EPROM
DISTINCTIVE CHARACTERISTICS
s Fast access time
— Speed options as fast as 55 ns
s Low power consumption
— 20 µA typical CMOS standby current
s JEDEC-approved pinout
— 40-Pin DIP/PDIP
— 44-Pin PLCC
s Single +5 V power supply
s
±10% power supply tolerance standard
s 100% Flashrite™ programming
— Typical programming time of 8 seconds
s Latch-up protected to 100 mA from –1 V to
VCC + 1 V
s High noise immunity
s Versatile features for simple interfacing
— Both CMOS and TTL input/output compatibility
— Two line control functions
GENERAL DESCRIPTION
The Am27C1024 is a 1 Megabit, ultraviolet erasable
programmable read-only memory. It is organized as 64
Kwords by 16 bits per word, operates from a single
+5 V supply, has a static standby mode, and features
fast single address location programming. Products are
available in windowed ceramic DIP packages, as well
as plastic one time programmable (OTP) PDIP and
PLCC packages.
Data can be typically accessed in less than 55 ns, al-
lowing high-performance microprocessors to operate
without any WAIT states. The device offers separate
Output Enable (OE#) and Chip Enable (CE#) controls,
thus eliminating bus contention in a multiple bus micro-
processor system.
AMD’s CMOS process technology provides high
speed, low power, and high noise immunity. Typical
power consumption is only 125 mW in active mode,
and 100 µW in standby mode.
All signals are TTL levels, including programming sig-
nals. Bit locations may be programmed singly, in
blocks, or at random. The device supports AMD’s
Flashrite programming algorithm (100 µs pulses), re-
sulting in a typical programming time of 8 seconds.
BLOCK DIAGRAM
06780J-1
A0–A15
Address
Inputs
PGM#
CE#
OE#
VCC
VSS
VPP
Data Outputs
DQ0–DQ15
Output
Buffers
Y
Gating
1,048,576
Bit Cell
Matrix
X
Decoder
Y
Decoder
Output Enable
Chip Enable
and
Prog Logic


Similar Part No. - AM27C1024-55PI5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120 AMD-AM27C128-120 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DC AMD-AM27C128-120DC Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DCB AMD-AM27C128-120DCB Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DE AMD-AM27C128-120DE Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
More results

Similar Description - AM27C1024-55PI5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
logo
Advanced Micro Devices
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com